Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

477FSB360XDG Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 477FSB360XDG
Description  High voltage ??Low Leakage ??low dissipation Factor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

477FSB360XDG Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  477FSB360XDG Datasheet HTML 1Page - Illinois Capacitor, Inc. 477FSB360XDG Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, Il 60712
● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com
FEATURES
High voltage Low Leakage low dissipation Factor
APPLICATIONS
Emergency lights Signal lights Mobile
Operating Temperature
Range
-20°C to +55°C
Capacitance Tolerance
-10 to+20% at 120 Hz, 25°C
WVDC
330
360
Surge Voltage
SVDC
350
390
Cap
C<600 uF
C>600 uF
Dissipation
Factor
tan
δ
.07
.1
time
5 Minutes
Leakage Current
@25°C, Rated WVDC
applied
1*C
5000 flashes at rated voltage applied at 5~35°C repeating
every 30 seconds thru a Xe flash tube having a discharge
resistance if 0.7~1.0
Capacitance Change
<10% of initial measured value
Dissipation Factor
<150% of maximum specified value
Charge/ Discharge
Leakage Current
<150% of maximum specified value
500 hours at 70°C with no voltage applied
Capacitance Change
<10% initial measured value
Dissipation Factor
<150% of maximum specified value
Shelf Life
Leakage Current
<150% of maximum specified value
D
22
25
30
35
40
α
0.5
1.0
1.0
1.0
1.0
D1
D+
α
D+
α
D+
α
D+
α
D+
α
L1
L+3
L+3
L+3
L+3
L+3
LL+/-2mm
5.0
5.5
5.5
5.5
5.5
S +/-1.0mm
10
10
10
10
12.5
W
2.6
3.0
3.0
3.0
3.0


Similar Part No. - 477FSB360XDG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
477FSB360XDG ILLINOISCAPACITOR-477FSB360XDG Datasheet
533Kb / 2P
   55C Photoflash Aluminum Electrolytic Capacitors
477FSB360XDG ILLINOISCAPACITOR-477FSB360XDG Datasheet
130Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 477FSB360XDG

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
715P CDE-715P Datasheet
493Kb / 15P
   Low dissipation factor.
logo
Illinois Capacitor, Inc...
FSR ILLINOISCAPACITOR-FSR Datasheet
304Kb / 4P
   Reduced case size - High voltage ??Low Leakage ??low dissipation
logo
MERITEK ELECTRONICS COR...
MA MERITEK-MA Datasheet
1Mb / 14P
   Low dissipation factor
logo
Cornell Dubilier Electr...
716P CDE-716P Datasheet
381Kb / 15P
   Extremely low dissipation factor
logo
Vishay Siliconix
2DFO VISHAY-2DFO Datasheet
123Kb / 2P
   Low Dissipation Factor Disc Capacitors
Revision 14-May-02
logo
MERITEK ELECTRONICS COR...
TMPP-FMPP MERITEK-TMPP-FMPP Datasheet
219Kb / 1P
   Low dissipation factor (DF), excellent for high frequency
logo
Cornell Dubilier Electr...
930C CDE-930C Datasheet
143Kb / 5P
   Low Dissipation, High Voltage/High Frequency Switching Power Supplies
logo
Knox Semiconductor, Inc
1N6082 KNOX-1N6082 Datasheet
35Kb / 1P
   LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
logo
Diodes Incorporated
BAV3004W DIODES-BAV3004W_15 Datasheet
91Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE LOW LEAKAGE DIODE
logo
Knox Semiconductor, Inc
1N5518 KNOX-1N5518 Datasheet
39Kb / 1P
   LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com