Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

686GXX010MEY Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 686GXX010MEY
Description  High temperature ??Very Low ESR ??High ripple current ??stablewith temperature ??High frequency ??Long life ??ROHS compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

686GXX010MEY Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  686GXX010MEY Datasheet HTML 1Page - Illinois Capacitor, Inc. 686GXX010MEY Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GXX
+105°C Low ESR, High Ripple
Current
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
D.F.
120 Hz,
20°C
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
ESR (mΩ)
100 kHz,
+20°C
Leakage
Current
(μA)
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
10
25
106GXX025MFT
0.1
16.5786
60
125
1500
8x6.7
22
20
226GXX050MEY
0.1
7.5358
60
88
1450
6.3x5.7
39
6.3
397GXX6R3MFT
0.12
0.5101
22
491.4
3220
8x6.7
39
16
396GXX016MEY
0.12
5.1011
37
124.8
2050
6.3x5.7
56
4
567GXX004MFT
0.12
0.3553
22
448
3220
8x6.7
68
10
686GXX010MEY
0.12
2.9256
30
136
2200
6.3x5.7
68
16
686GXX016MEY
0.12
2.9256
30
217.6
2200
6.3x5.7
76
20
476GXX020MFT
0.12
4.2328
45
188
1890
8x6.7
86
16
826GXX016MFT
0.12
2.4261
30
262.4
2760
8x6.7
120
6.3
127GXX6R3MEY
0.12
1.6579
22
151.2
2570
6.3x5.7
120
10
127GXX010MEY
0.12
1.6579
27
240
2320
6.3x5.7
120
16
127GXX016MFT
0.12
1.6579
27
384
2900
8x6.7
150
4
157GXX004MEY
0.12
1.3263
22
120
2570
6.3x5.7
150
10
157GXX010MFT
0.12
1.3263
30
300
2760
8x6.7
220
6.3
227GXX6R3MFT
0.12
0.9043
22
277.2
3200
8x6.7
220
6.3
227GXX6R3MEY
0.12
0.9043
22
277.2
2570
6.3x5.7
270
4
277GXX004MFT
0.12
0.4368
22
216
3220
8x6.7


Similar Part No. - 686GXX010MEY

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
686GXX010MEY ILLINOISCAPACITOR-686GXX010MEY Datasheet
125Kb / 1P
   SMD ALUMINUM POLYMER CAPACITORS
More results

Similar Description - 686GXX010MEY

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107UVR6R3MEW ILLINOISCAPACITOR-107UVR6R3MEW Datasheet
259Kb / 2P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
ULR ILLINOISCAPACITOR-ULR Datasheet
259Kb / 3P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
UVG ILLINOISCAPACITOR-UVG Datasheet
225Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
277UER016MFH ILLINOISCAPACITOR-277UER016MFH Datasheet
299Kb / 2P
   High Temperature . Very Low ESR . High Ripple Current . Stable with Temperature . High Frequency
UER ILLINOISCAPACITOR-UER Datasheet
256Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ?뱒table with temperature ??High frequency
277ULR6R3MDY ILLINOISCAPACITOR-277ULR6R3MDY Datasheet
333Kb / 3P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
UVR ILLINOISCAPACITOR-UVR Datasheet
177Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
JZM ILLINOISCAPACITOR-JZM Datasheet
207Kb / 2P
   Very Low ESR - High Frequency ??High Ripple Current
187AVG063MGBJ ILLINOISCAPACITOR-187AVG063MGBJ Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com