Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC2111FL2-E0018 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC2111FL2-E0018
Description  Crystal-less??Configurable Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2111FL2-E0018 Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC2111FL2-E0018 Datasheet HTML 1Page - Micrel Semiconductor DSC2111FL2-E0018 Datasheet HTML 2Page - Micrel Semiconductor DSC2111FL2-E0018 Datasheet HTML 3Page - Micrel Semiconductor DSC2111FL2-E0018 Datasheet HTML 4Page - Micrel Semiconductor DSC2111FL2-E0018 Datasheet HTML 5Page - Micrel Semiconductor DSC2111FL2-E0018 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Micrel, Inc.
DSC2111FL2-E0018
Specifications (Unless specified otherwise: T = 25°C, max LVCMOS drive strength)
4
4
5
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Supply Voltage¹
VDD
2.25
3.6
V
Supply Voltage (CLK2)¹
VDD2
1.65
3.6
V
Supply Current
IDD
OE pin low - outputs are disabled
21
23
mA
Supply Current²
IDD
OE pin high - outputs are enabled
CL = 15pF, F01 = F02 = 125MHz
32
mA
Frequency Stability
F
Includes frequency variation due to initial
tolerance, temp. and power supply voltage
±25
ppm
Aging
F
First year (@ 25°C)
±5
ppm
Startup Time³
tSU
T = 25°C
5
ms
Input Logic Levels
Input Logic High
Input Logic Low
VIH
VIL
0.75 x VDD
-
-
0.25 x VDD
V
Output Disable Time
tDA
5
ns
Output Enable Time
tEN
20
ns
Pull-Up Resistor²
Pull-up exists on all digital IO
40
kOhms
LVCMOS Outputs
Output Logic Levels
Output Logic High
Output Logic Low
VOH
VOL
I = ±6mA
0.9 x VDD
-
-
0.1 x VDD
V
Output Transition Time
Rise Time
Fall Time
tR
tF
20% to 80%
CL = 15pF
1.1
1.4
2
2
ns
Frequency
CLK1
CLK2
[FS] = [1]
25
125
MHz
Output Duty Cycle
SYM
45
55
%
Period Jitter
JPER
F01 = F02 = 125MHz
3
psRMS
Integrated Phase Noise
JPH
200kHz to 20MHz @ 125MHz
100kHz to 20MHz @ 125MHz
12kHz to 20MHz @ 125MHz
0.3
0.38
1.7
2
psRMS
Notes:
1. Pin 12 VDD2, and pin 13 VDD should be filtered with 0.1uF capacitors.
2. Output is enabled if OE pin is floated or not connected.
3. tSU is time to 100ppm stable output frequency after VDD is applied and outputs are enabled.
4. Output Waveform and Test Circuit figures below define the parameters.
5. Period Jitter includes crosstalk from adjacent output.
May 11, 2015
4
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
2972


Similar Part No. - DSC2111FL2-E0018

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2111FL2-T MICREL-DSC2111FL2-T Datasheet
567Kb / 6P
   Low-Jitter I2C/SPI Programmable Dual CMOS Oscillator
More results

Similar Description - DSC2111FL2-E0018

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
DSC2144FI2-E0023 MICROCHIP-DSC2144FI2-E0023 Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
October 24, 2017 Revision 1.0
DSC400-4334Q0022 MICROCHIP-DSC400-4334Q0022 Datasheet
1Mb / 11P
   Crystal-less??Configurable Clock Generator
February 13, 2017 Revision 1.0
DSC400-1111Q0091 MICROCHIP-DSC400-1111Q0091 Datasheet
1Mb / 10P
   Crystal-less??Configurable Clock Generator
December 08, 2016 Revision 1.0
logo
Micrel Semiconductor
DSC2044FI1-H0006 MICREL-DSC2044FI1-H0006 Datasheet
597Kb / 6P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2010FI2-B0015 MICROCHIP-DSC2010FI2-B0015 Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
July 07, 2016 Revision 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com