Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC2130FI1-A0025 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # DSC2130FI1-A0025
Description  Crystal-less??Configurable Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2130FI1-A0025 Datasheet(HTML) 5 Page - Micrel Semiconductor

  DSC2130FI1-A0025 Datasheet HTML 1Page - Micrel Semiconductor DSC2130FI1-A0025 Datasheet HTML 2Page - Micrel Semiconductor DSC2130FI1-A0025 Datasheet HTML 3Page - Micrel Semiconductor DSC2130FI1-A0025 Datasheet HTML 4Page - Micrel Semiconductor DSC2130FI1-A0025 Datasheet HTML 5Page - Micrel Semiconductor DSC2130FI1-A0025 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Micrel, Inc.
DSC2130FI1-A0025
Nominal Performance Parameters (Unless specified otherwise: T = 25°C, VDD = 3.3V)
Figure 1. LVDS Phase Jitter (integrated phase noise)
LVDS Output Waveform
Figure 2. LVDS Output Waveform
OE
350
MSL 1 @ 260°C refer to JSTD-020C
Ramp-Up Rate (200°C to Peak Temp)
3°C/sec Max.
Preheat Time 150°C to 200°C
60 - 180 sec
Time maintained above 217°C
60 - 150 sec
Peak Temperature
255 - 260°C
Time within 5°C of actual Peak
20 - 40 sec
Ramp-Down Rate
6°C/sec Max.
Time 25°C to Peak Temperature
8 min Max.
March 30, 2015
5
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
2873


Similar Part No. - DSC2130FI1-A0025

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2130FI1-T MICREL-DSC2130FI1-T Datasheet
562Kb / 6P
   Low-Jitter I2C/SPI Programmable LVDS Oscillator
More results

Similar Description - DSC2130FI1-A0025

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
DSC2144FI2-E0023 MICROCHIP-DSC2144FI2-E0023 Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
October 24, 2017 Revision 1.0
DSC400-4334Q0022 MICROCHIP-DSC400-4334Q0022 Datasheet
1Mb / 11P
   Crystal-less??Configurable Clock Generator
February 13, 2017 Revision 1.0
DSC400-1111Q0091 MICROCHIP-DSC400-1111Q0091 Datasheet
1Mb / 10P
   Crystal-less??Configurable Clock Generator
December 08, 2016 Revision 1.0
logo
Micrel Semiconductor
DSC2044FI1-H0006 MICREL-DSC2044FI1-H0006 Datasheet
597Kb / 6P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2010FI2-B0015 MICROCHIP-DSC2010FI2-B0015 Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
July 07, 2016 Revision 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com