Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3-0512D20A5 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RS3-0512D20A5
Description  DC/DC-Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS3-0512D20A5 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RS3-0512D20A5 Datasheet HTML 1Page - RSG Electronic Components GmbH RS3-0512D20A5 Datasheet HTML 2Page - RSG Electronic Components GmbH RS3-0512D20A5 Datasheet HTML 3Page - RSG Electronic Components GmbH RS3-0512D20A5 Datasheet HTML 4Page - RSG Electronic Components GmbH RS3-0512D20A5 Datasheet HTML 5Page - RSG Electronic Components GmbH RS3-0512D20A5 Datasheet HTML 6Page - RSG Electronic Components GmbH RS3-0512D20A5 Datasheet HTML 7Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (7)
MODEL NUMBER
INPUT
INPUT Current
OUTPUT
OUTPUT Current
Voltage Range
No-Load
Full Load
Voltage
Full load
EFFICIENCY
Capacitor
(Vdc)
(mA)
(mA)
(Vdc)
(mA)
@FL(%)
Load(uF)
RD3-0303D20AX
3.3
25
808
±
3.3
±
200
75
±
220
RD3-0305D20AX
3.3
45
808
±
5
±
200
75
±
220
RD3-0307D20AX
3.3
40
797
±7.2
±138.8
76
±220
RD3-0309D20AX
3.3
40
797
±
9
±111.1
76
±220
RD3-0312D20AX
3.3
45
777
±
12
±
83.3
78
±
220
RD3-0315D20AX
3.3
45
777
±
15
±
66.67
78
±
220
RD3-0318D20AX
3.3
45
777
±
18
±
55.55
78
±
220
RD3-0324D20AX
3.3
45
767
±24
±41.67
79
±220
RD3-0503D20AX
5
30
406
±3.3
±200
65
±220
RD3-0505D20AX
5
30
555
±
5
±
200
72
±
220
RD3-0507D20AX
5
30
555
±
7.2
±
138.8
72
±
220
RD3-0509D20AX
5
30
519
±
9
±
111.1
77
±
220
RD3-0512D20AX
5
30
512
±12
±83.3
78
±220
RD3-0515D20AX
5
30
500
±
15
±
66.67
80
±
220
RD3-0518D20AX
5
30
500
±
18
±
55.55
80
±
220
RD3-0524D20AX
5
30
500
±
24
±
41.67
80
±
220
RD3-1203D20AX
12
20
164
±
3.3
±
200
67
±
220
RD3-1205D20AX
12
20
222
±
5
±200
75
±220
RD3-1207D20AX
12
20
219
±
7.2
±
138.8
76
±
220
RD3-1209D20AX
12
20
216
±
9
±
111.1
77
±
220
RD3-1212D20AX
12
20
203
±
12
±
83.3
82
±
220
RD3-1215D20AX
12
20
203
±
15
±
66.67
82
±
220
RD3-1218D20AX
12
20
203
±18
±55.55
82
±220
RD3-1224D20AX
12
20
203
±
24
±
41.67
82
±
220
RD3-2403D20AX
24
10
80
±
3.3
±
200
68
±
220
RD3-2405D20AX
24
10
111
±
5
±
200
75
±
220
RD3-2407D20AX
24
10
111
±7.2
±138.8
75
±220
RD3-2409D20AX
24
10
104
±
9
±111.1
80
±220
RD3-2412D20AX
24
10
101
±
12
±
83.3
82
±
220
RD3-2415D20AX
24
10
101
±
15
±
66.67
82
±
220
RD3-2418D20AX
24
10
101
±
18
±
55.55
82
±
220
RD3-2424D20AX
24
10
101
±24
±41.67
82
±220
RD3-4803D20AX
48
6
45
±3.3
±200
60
±220
RD3-4805D20AX
48
6
57
±
5
±
200
73
±
220
RD3-4807D20AX
48
6
54
±
7.2
±
138.8
77
±
220
RD3-4809D20AX
48
6
54
±
9
±
111.1
77
±
220
RD3-4812D20AX
48
6
52
±12
±83.3
80
±220
RD3-4815D20AX
48
6
52
±
15
±
66.67
80
±
220
RD3-4818D20AX
48
6
52
±
18
±
55.55
80
±
220
RD3-4824D20AX
48
6
52
±
24
±
41.67
80
±
220
Suffix “3” means 3 KVdc isolation
Suffix “5” means 5.2 KVdc isolation
Suffix “6” means 6 KVdc Isolation
DC/DC-Converter
2.0W unregulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RS3-0512D20A5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS3-0512D RECOM-RS3-0512D Datasheet
82Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RS3-0512DH2 RECOM-RS3-0512DH2 Datasheet
82Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RS3-0512DH3 RECOM-RS3-0512DH3 Datasheet
82Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
More results

Similar Description - RS3-0512D20A5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com