Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3-1507D20A5 Datasheet(PDF) 6 Page - RSG Electronic Components GmbH

Part # RS3-1507D20A5
Description  DC/DC-Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS3-1507D20A5 Datasheet(HTML) 6 Page - RSG Electronic Components GmbH

  RS3-1507D20A5 Datasheet HTML 1Page - RSG Electronic Components GmbH RS3-1507D20A5 Datasheet HTML 2Page - RSG Electronic Components GmbH RS3-1507D20A5 Datasheet HTML 3Page - RSG Electronic Components GmbH RS3-1507D20A5 Datasheet HTML 4Page - RSG Electronic Components GmbH RS3-1507D20A5 Datasheet HTML 5Page - RSG Electronic Components GmbH RS3-1507D20A5 Datasheet HTML 6Page - RSG Electronic Components GmbH RS3-1507D20A5 Datasheet HTML 7Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page6(7)
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
C3
EMI Filter
Input filter components (C1, L , C2 , C3) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
L
Load
C1
C2
RS3/RD3 - 2W Unregulated Single & Dual output
C1
L
C2
C3
RS3/RD3-03XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-05XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-12XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-15XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-24XXS20/D20AX
1210,2.2uF/100V
18uH
1210,2.2uF/100V
1206,470pF/2KV
RS3/RD3-48XXS20/D20AX
Electrolyticcapacitor,
10uF/100V
18uH
1210,2.2uF/100V
1206,470pF/2KV
05 Models
12 Models
24 Models
48 Models
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
C3
EMI Filter
Input filter components (C1, L , C2 , C3) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
L
Load
C1
C2
RS3/RD3 - 2W Unregulated Single & Dual output
C1
L
C2
C3
RS3/RD3-03XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-05XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-12XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-15XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-24XXS20/D20AX
1210,2.2uF/100V
18uH
1210,2.2uF/100V
1206,470pF/2KV
RS3/RD3-48XXS20/D20AX
Electrolyticcapacitor,
10uF/100V
18uH
1210,2.2uF/100V
1206,470pF/2KV
05 Models
12 Models
24 Models
48 Models
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
DC/DC-Converter
2.0W unregulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
C3
EMI Filter
Input filter components (C1, L , C2 , C3) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
L
Load
C1
C2
RS3/RD3 - 2W Unregulated Single & Dual output
C1
L
C2
C3
RS3/RD3-03XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-05XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-12XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-15XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-24XXS20/D20AX
1210,2.2uF/100V
18uH
1210,2.2uF/100V
1206,470pF/2KV
RS3/RD3-48XXS20/D20AX
Electrolyticcapacitor,
10uF/100V
18uH
1210,2.2uF/100V
1206,470pF/2KV
05 Models
12 Models
24 Models
48 Models
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
C3
EMI Filter
Input filter components (C1, L , C2 , C3) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
L
Load
C1
C2
RS3/RD3 - 2W Unregulated Single & Dual output
C1
L
C2
C3
RS3/RD3-03XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-05XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-12XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-15XXS20/D20AX
1210,2.2uF/100V
18uH
RS3/RD3-24XXS20/D20AX
1210,2.2uF/100V
18uH
1210,2.2uF/100V
1206,470pF/2KV
RS3/RD3-48XXS20/D20AX
Electrolyticcapacitor,
10uF/100V
18uH
1210,2.2uF/100V
1206,470pF/2KV
05 Models
12 Models
24 Models
48 Models
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
LOADING VS OUTPUT VOLTAGE
7.000
6.000
5.000
4.000
3.000
20%
40%
60%
Load
80%
100%


Similar Part No. - RS3-1507D20A5

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
RS3-102N-D15 COPAL-RS3-102N-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RS3-102N-R15 COPAL-RS3-102N-R15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RS3-102S-D15 COPAL-RS3-102S-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RS3-102S-R15 COPAL-RS3-102S-R15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RS3-103N-D15 COPAL-RS3-103N-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
More results

Similar Description - RS3-1507D20A5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com