Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S30M60F Datasheet(PDF) 1 Page - Mospec Semiconductor

Part No. S30M60F
Description  Switchmode Schottky Barrier Power Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSPEC [Mospec Semiconductor]
Homepage  http://www.mospec.com.tw
Logo 

S30M60F Datasheet(HTML) 1 Page - Mospec Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
S30M60F
Switchmode Schottky Barrier Power Rectifiers
Using the Schottky Barrier principle with high temperature operation metal.
The properitary barrier technology allows for reliable operation up to 150℃
junction temperature. Typical application are in switching Mode Power
Supplies such as adaptators, Photovoltaic Solar cell protection,free-
wheeling and polarity protection diodes.
Features
Ultra Low Forward Voltage.
Low Switching noise.
High Current Capacity
Low Power Loss & High efficiency.
150℃ Operating Junction Temperature
Low Stored Charge Majority Carrier Conduction.
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
In compliance with EU RoHs
2002/95/EC directives
Mounting Torqure: 5 in-lbs.Max.
SCHOTTKY BARRIER
RECTIFIERS
30 AMPERES
60 VOLTS
MAXIMUM RATINGS
Characteristic
Symbol
S30M60F
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
RMS Reverse Voltage
VR(RMS)
42
V
Average Rectifier Forward Current ( per diode )
Total Device (Rated VR),
IF(AV)
15
30
A
Non-Repetitive Peak Surge Current (Surge applied at
rate load conditions halfware, single phase, 60Hz)
IFSM
320
A
Operating and Storage Junction Temperature Range
TJ , Tstg
-65 to +150
ITO-220AB
MILLIMETERS
DIM
MIN
MAX
A
15.05
15.15
B
13.35
13.45
C
10.00
10.10
D
6.55
6.65
E
2.65
2.75
F
1.55
1.65
G
1.15
1.25
H
0.55
0.65
I
2.50
2.60
J
3.00
3.20
K
1.10
1.20
L
0.55
0.65
M
4.40
4.60
N
1.15
1.25
O
3.35
3.45
P
2.65
2.75
Q
3.15
THERMAL RESISTANCES
Typical Thermal Resistance junction to body
Rθ j-c
7.0
/w
3.25
R
3.60
3.80
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
S30M60F
Unit
Maximum Instantaneous Forward Voltage
Min
Typ.
Max.
( IF =0.1 Amp TC = 25℃)
---
0.23
0.25
( IF =8.0 Amp TC = 25℃)
---
0.42
0.45
( IF =15.0 Amp TC = 25℃)
VF
---
0.50
0.53
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
---
0.08
0.15
( Rated DC Voltage, TC = 125℃)
IR
---
20
30
mA


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn