Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICB2FL03G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ICB2FL03G
Description  2nd Generation FL Controller for Fluorescent Lamp Ballasts
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICB2FL03G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ICB2FL03G Datasheet HTML 4Page - Infineon Technologies AG ICB2FL03G Datasheet HTML 5Page - Infineon Technologies AG ICB2FL03G Datasheet HTML 6Page - Infineon Technologies AG ICB2FL03G Datasheet HTML 7Page - Infineon Technologies AG ICB2FL03G Datasheet HTML 8Page - Infineon Technologies AG ICB2FL03G Datasheet HTML 9Page - Infineon Technologies AG ICB2FL03G Datasheet HTML 10Page - Infineon Technologies AG ICB2FL03G Datasheet HTML 11Page - Infineon Technologies AG ICB2FL03G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
ICB2FL03G
Controller for Fluorescent Lamp Ballasts
Final Data Sheet
8
V1.1, 2013-08-14
2nd Generation FL-Controller for Fluorescent Lamp Ballasts
Product Highlights
Lowest count of external components
650 V half-bridge driver with coreless transformer technology
Supports Customer In-Circuit Test Mode for reduced tester time
Supports multi-lamp designs (series connection)
Integrated digital timers up to 40 seconds
Numerous monitoring and protection features for highest reliability
Very high accuracy of frequencies and timers over the whole temperature range
Very low standby losses
PFC Features
Discontinuous mode PFC for load range 0 to 100%
Integrated digital compensation of PFC control loop
Improved compensation for low THD of AC input current, also in DCM operation
Adjustable PFC current limitation
Lamp Ballast Inverter Features
Adjustable detection of overload and rectifier effect (EOL)
Detection of capacitive load operation
Improved ignition control allows operation close to the magnetic saturation of the lamp inductors
Restart with skipped preheating on short interruptions of line voltage (for emergency lighting)
Parameters adjustable by resistors only
Pb-free lead plating; RoHS-compliant
Figure 1
Typical Application Circuit of Ballast for a Single Fluorescent Lamp
Description
The FL controller ICB2FL03G is designed to control fluorescent lamp ballast, including a discontinuous mode
Power Factor Correction (PFC), lamp inverter control and a high-voltage level shift half-bridge driver.
The control concept covers requirements for T5 lamp ballasts for single and multi-lamp designs (series connection
supported). ICB2FL03G is based on the 2nd-generation FL controller technology, is easy to use and simple to
design in. This makes the ICB2FL03G a basis for cost-effective solutions for fluorescent lamp ballasts with high
reliability. Figure 1 shows a typical application circuit of ballast for a single fluorescent T8 lamp with current mode
preheating.
PFCZCD
PFCGD
PFCVS
PFCCS
HSGD
HSVCC
HSGND
LSGD
LSCS
VIN


Similar Part No. - ICB2FL03G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICB2FL01G INFINEON-ICB2FL01G Datasheet
992Kb / 56P
   Smart Ballast Control IC for Fluorescent Lamp Ballasts
V1.2 May 2010
ICB2FL02G INFINEON-ICB2FL02G Datasheet
1Mb / 55P
   Smart Ballast Control IC for Fluorescent Lamp Ballasts
V1.2 08.02.2010
More results

Similar Description - ICB2FL03G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICB1FL02G INFINEON-ICB1FL02G_08 Datasheet
1Mb / 37P
   Smart Ballast Control IC for Fluorescent Lamp Ballasts
2008-09 V 2.1
ICB1FL01G INFINEON-ICB1FL01G Datasheet
998Kb / 38P
   Smart Ballast Control IC for Fluorescent Lamp Ballasts
Version 1.5, June 2005
ICB2FL02G INFINEON-ICB2FL02G Datasheet
1Mb / 55P
   Smart Ballast Control IC for Fluorescent Lamp Ballasts
V1.2 08.02.2010
ICB1FL02G INFINEON-ICB1FL02G Datasheet
1Mb / 37P
   Smart Ballast Control IC for Fluorescent Lamp Ballasts
Version 1.2, Feb 2006
ICB2FL01G INFINEON-ICB2FL01G Datasheet
992Kb / 56P
   Smart Ballast Control IC for Fluorescent Lamp Ballasts
V1.2 May 2010
ICB1FL03G INFINEON-ICB1FL03G Datasheet
1Mb / 38P
   Smart Ballast Control IC for Fluorescent Lamp Ballasts
Version 1.02, March 2009
logo
Vishay Siliconix
307C1407 VISHAY-307C1407 Datasheet
257Kb / 1P
   PTC Thermistors For Electronic Fluorescent Ballasts
Revision 14-May-02
logo
WAGO Kontakttechnik Gmb...
750-8210 WAGO-750-8210 Datasheet
816Kb / 14P
   Controller PFC200; 2nd Generation; 4 x ETHERNET
logo
Cirrus Logic
CS1601 CIRRUS-CS1601 Datasheet
816Kb / 16P
   Digital PFC Controller for Electronic Ballasts
logo
Emerson Network Power
QB2GIBC EMERSON-NETWORKPOWER-QB2GIBC Datasheet
329Kb / 4P
   2nd Generation IBC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com