Electronic Components Datasheet Search |
|
RS1-0312S05A1 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH |
|
RS1-0312S05A1 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH |
4 / 5 page RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de page 4 (5) +Vout +Vin DC/DC Converter -Vin -Vout +Vout +Vin DC/DC Converter -Vin -Vout C3 Input Reflected Ripple Current Test Step Input reflected ripple current is measured through a source inductor Lin(12uH) and a source capacitor Cin(47uF, ESR<1.0© at 100KHz) at nominal input and full load. Lin Current Probe Cin Load Output Ripple & Noise Measurement Test The Scope measurement bandwidth is 20MHz . Load EMI Filter Input filter components (C1 , L , C2 , C3) are used to help meet conducted emissions requirement for the module. These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise. L Load C1 C2 +Vout DC/DC Converter -Vout Scope C1 L C2 C3 RS1/RD1-03XXS05AX 1210, 2.2uF/100V 18uH RS1/RD1-05XXS05AX 1210, 2.2uF/100V 18uH RS1/RD1-12XXS05AX 1210, 2.2uF/100V 18uH RS1/RD1-15XXS05AX 1210, 2.2uF/100V 18uH RS1/RD1-24XXS05AX 1210, 2.2uF/100V 18uH 1210, 2.2uF/100V 1206, 470pF/2KV RS1/RD1-48XXS05AX Electrolytic capacitor, 10uF/100V 18uH 1210, 2.2uF/100V 1206, 470pF/2KV The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail to : info@rsg-electronic.de 1.Ripple/Noise measured with 20MHz bandwidth. 2.Tested by minimal Vin and constant resistive load. 3.Measured Input reflected ripple current with a simulated source inductance of 12uH. 4.Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating. 5. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications. 6. Input filter components are be required to help meet conducted emission class B, which application refer to the EMI Filter of design & feature configuration. 7. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5. The filter capacitor RSG suggest: Nippon - chemi - con KY series, 470uF/100V. +Vout +Vin DC/DC Converter -Vin -Vout +Vout +Vin DC/DC Converter -Vin -Vout C3 Input Reflected Ripple Current Test Step Input reflected ripple current is measured through a source inductor Lin(12uH) and a source capacitor Cin(47uF, ESR<1.0© at 100KHz) at nominal input and full load. Lin Current Probe Cin Load Output Ripple & Noise Measurement Test The Scope measurement bandwidth is 20MHz . Load EMI Filter Input filter components (C1 , L , C2 , C3) are used to help meet conducted emissions requirement for the module. These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise. L Load C1 C2 +Vout DC/DC Converter -Vout Scope C1 L C2 C3 RS1/RD1-03XXS05AX 1210, 2.2uF/100V 18uH RS1/RD1-05XXS05AX 1210, 2.2uF/100V 18uH RS1/RD1-12XXS05AX 1210, 2.2uF/100V 18uH RS1/RD1-15XXS05AX 1210, 2.2uF/100V 18uH RS1/RD1-24XXS05AX 1210, 2.2uF/100V 18uH 1210, 2.2uF/100V 1206, 470pF/2KV RS1/RD1-48XXS05AX Electrolytic capacitor, 10uF/100V 18uH 1210, 2.2uF/100V 1206, 470pF/2KV The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail to : info@rsg-electronic.de 1.Ripple/Noise measured with 20MHz bandwidth. 2.Tested by minimal Vin and constant resistive load. 3.Measured Input reflected ripple current with a simulated source inductance of 12uH. 4.Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating. 5. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications. 6. Input filter components are be required to help meet conducted emission class B, which application refer to the EMI Filter of design & feature configuration. 7. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5. The filter capacitor RSG suggest: Nippon - chemi - con KY series, 470uF/100V. +Vout +Vin DC/DC Converter -Vin -Vout +Vout +Vin DC/DC Converter -Vin -Vout C3 Input Reflected Ripple Current Test Step Input reflected ripple current is measured through a source inductor Lin(12uH) and a source capacitor Cin(47uF, ESR<1.0© at 100KHz) at nominal input and full load. Lin Current Probe Cin Load Output Ripple & Noise Measurement Test The Scope measurement bandwidth is 20MHz . Load EMI Filter Input filter components (C1 , L , C2 , C3) are used to help meet conducted emissions requirement for the module. These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise. L Load C1 C2 +Vout DC/DC Converter -Vout Scope C1 L C2 C3 RS1/RD1-03XXS05AX 1210, 2.2uF/100V 18uH RS1/RD1-05XXS05AX 1210, 2.2uF/100V 18uH RS1/RD1-12XXS05AX 1210, 2.2uF/100V 18uH RS1/RD1-15XXS05AX 1210, 2.2uF/100V 18uH RS1/RD1-24XXS05AX 1210, 2.2uF/100V 18uH 1210, 2.2uF/100V 1206, 470pF/2KV RS1/RD1-48XXS05AX Electrolytic capacitor, 10uF/100V 18uH 1210, 2.2uF/100V 1206, 470pF/2KV The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail to : info@rsg-electronic.de 1.Ripple/Noise measured with 20MHz bandwidth. 2.Tested by minimal Vin and constant resistive load. 3.Measured Input reflected ripple current with a simulated source inductance of 12uH. 4.Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating. 5. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications. 6. Input filter components are be required to help meet conducted emission class B, which application refer to the EMI Filter of design & feature configuration. 7. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5. The filter capacitor RSG suggest: Nippon - chemi - con KY series, 470uF/100V. DC/DC-Converter 0.5W unregulated Single Output we energize electronics! an acal group company we energize electronics! |
Similar Part No. - RS1-0312S05A1 |
|
Similar Description - RS1-0312S05A1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |