Electronic Components Datasheet Search |
|
RT1-2405S10D1WR Datasheet(PDF) 5 Page - RSG Electronic Components GmbH |
|
RT1-2405S10D1WR Datasheet(HTML) 5 Page - RSG Electronic Components GmbH |
5 / 5 page RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de page 5 (5) RT1-S10D1WR Series RSG Electronic Components • Sprendlinger Ldstr. 115 • 63069 Offenbach • phone: +49 69/984047-0 • info@rsg-electronic.de Dimensions and Recommended Layout 2BXT1WR201-A0 Note: Grid 2.54*2.54mm Note: Unit: mm[inch] Pin section tolerances: ±0.10[±0.004] General tolerances: ±0.25[±0.010] NC: No Connection A 0.88 [0.035] 12.70±0.50 [0.500±0.020] Function GND 0V Pin 1 2 4 Vin +Vo 5 8 NC Front View Top View Right View 8 5 1 2 4 5 8 1 2 4 Top View 7.62 [0.300] 0.60 [0.024] 2.54 [0.100] 7.62 [0.300] 1.00 [0.039] 2.54 [0.100] A 0.10 THIRD ANGLE PROJECTION Pin-Out Notes: 1. Packing information please refer to Product Packing Information which can be downloaded from rsg-electronic.de Packing bag number: 58210024; 2. If the product is not operated within the required load range, the product performance cannot be guaranteed to comply with all parameters in the datasheet; 3. The maximum capacitive load offered were tested at nominal input voltage and full load; 4. Unless otherwise specified, parameters in this datasheet were measured under the conditions of Ta=25℃, humidity<75% with nominal input voltage and rated output load; 5. All index testing methods in this datasheet are based on our Company’s corporate standards; 6. The performance parameters of the product models listed in this manual are as above, but some parameters of non-standard model products may exceed the requirements mentioned above. Please contact our technicians directly for specific information; 7. We can provide product customization service; 8. Specifications are subject to change without prior notice. RT1-S10D1WR Series RSG Electronic Components • Sprendlinger Ldstr. 115 • 63069 Offenbach • phone: +49 69/984047-0 • info@rsg-electronic.de Dimensions and Recommended Layout 2BXT1WR201-A0 Note: Grid 2.54*2.54mm Note: Unit: mm[inch] Pin section tolerances: ±0.10[±0.004] General tolerances: ±0.25[±0.010] NC: No Connection A 0.88 [0.035] 12.70±0.50 [0.500±0.020] Function GND 0V Pin 1 2 4 Vin +Vo 5 8 NC Front View Top View Right View 8 5 1 2 4 5 8 1 2 4 Top View 7.62 [0.300] 0.60 [0.024] 2.54 [0.100] 7.62 [0.300] 1.00 [0.039] 2.54 [0.100] A 0.10 THIRD ANGLE PROJECTION Pin-Out Notes: 1. Packing information please refer to Product Packing Information which can be downloaded from rsg-electronic.de Packing bag number: 58210024; 2. If the product is not operated within the required load range, the product performance cannot be guaranteed to comply with all parameters in the datasheet; 3. The maximum capacitive load offered were tested at nominal input voltage and full load; 4. Unless otherwise specified, parameters in this datasheet were measured under the conditions of Ta=25℃, humidity<75% with nominal input voltage and rated output load; 5. All index testing methods in this datasheet are based on our Company’s corporate standards; 6. The performance parameters of the product models listed in this manual are as above, but some parameters of non-standard model products may exceed the requirements mentioned above. Please contact our technicians directly for specific information; 7. We can provide product customization service; 8. Specifications are subject to change without prior notice. DC/DC-Converter 1W fixed input voltage isolated & unregulated single output we energize electronics! an acal group company we energize electronics! The models listed here are just standard type. If you need a product with special specification or you have questions regarding packing standards (Tube oder Tape/Reel) as well as application support, please contact our specialists: sales@rsg-electronic.de or +49 69-984047-41/-28 |
Similar Part No. - RT1-2405S10D1WR |
|
Similar Description - RT1-2405S10D1WR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |