Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT4-0524D10D3WR Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RT4-0524D10D3WR
Description  1W fixed input voltage isolated & unregulated dual output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RT4-0524D10D3WR Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RT4-0524D10D3WR Datasheet HTML 1Page - RSG Electronic Components GmbH RT4-0524D10D3WR Datasheet HTML 2Page - RSG Electronic Components GmbH RT4-0524D10D3WR Datasheet HTML 3Page - RSG Electronic Components GmbH RT4-0524D10D3WR Datasheet HTML 4Page - RSG Electronic Components GmbH RT4-0524D10D3WR Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (5)
RT4-D10D3WR Series
RSG Electronic Components
Sprendlinger Ldstr. 115 63069 Offenbach phone: +49 69/984047-0 info@rsg-electronic.de
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current
(full load / no-load)
3.3V input
--
389/25
--/70
mA
5V input
--
250/20
--/60
12V input
--
104/15
--/50
15V input
--
83/12
--35
24V input
--
52/10
--/30
Reflected Ripple Current
--
15
--
mA
Surge Voltage (1sec. max.)
3.3V input
-0.7
--
5
VDC
5V input
-0.7
--
9
12V input
-0.7
--
18
15V input
-0.7
--
21
24V input
-0.7
--
30
Input Filter
Filter capacitor
Hot Plug
Unavailable
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope curve(Fig. 1)
Line Regulation
Input voltage change: ±1%
--
--
±1.2
--
Load Regulation
10%-100% load
5VDC output
--
12
--
%
9VDC output
--
9
--
12VDC output
--
8
--
15VDC output
--
7
--
24VDC output
--
6
--
Ripple & Noise*
20MHz bandwidth
--
60
150
mVp-p
Temperature Coefficient
Full load
--
--
±0.03
%/℃
Short Circuit Protection**
RT4-xxD10D3WR/RT4-0524D10D3WR
--
--
1
s
Others
Continuous, self-recovery
Note: * Ripple and noise are measured by parallel cable method, please see DC-DC Converter Application Notes for specific operation;
**Supply voltage must be discontinued at the end of short circuit duration for RT4-0524D10D3WR model and RT4-24xxD10D3WR series.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, with the test time of 1 minute and the leak current
lower than 1mA
3000
--
--
VDC
Isolation Resistance
Input-output, isolation voltage 500VDC
1000
--
--
M
©
Isolation Capacitance
Input-output, 100KHz/0.1V
--
20
--
pF
Operating Temperature
Derating when operating temperature up to 100℃, (see Fig. 2)
-40
--
105
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta=25℃, nominal input, full load output
--
25
--
Pin Welding Resistance
Temperature
Welding spot is 1.5mm away from the casing, 10 seconds
--
--
300
Storage Humidity
Non-condensing
--
--
95
%RH
Reflow Soldering Temperature
Peak temp.≤245℃, maximum duration
time≤60s at 217℃.
For actual application, please refer to
IPC/JEDEC J-STD-020D.1.
Switching Frequency
Full load, nominal input voltage
--
100
--
KHz
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
DC/DC-Converter
1W fixed input voltage
isolated & unregulated dual output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RT4-0524D10D3WR

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT4-0524D10D1WR RSG-RT4-0524D10D1WR Datasheet
697Kb / 5P
   1W fixed input voltage isolated & un regulated dual output
More results

Similar Description - RT4-0524D10D3WR

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0505XT-1WR3 MORNSUN-A0505XT-1WR3 Datasheet
660Kb / 4P
   1W, Fixed input voltage, isolated & unregulated dual output
E0505XT-1WR3 MORNSUN-E0505XT-1WR3 Datasheet
664Kb / 4P
   1W, Fixed input voltage, isolated & unregulated dual output
A0503S-1WR3 MORNSUN-A0503S-1WR3 Datasheet
649Kb / 5P
   1W, Fixed input voltage, isolated & unregulated dual/single output
E0503S-1WR3 MORNSUN-E0503S-1WR3 Datasheet
632Kb / 5P
   1W, Fixed input voltage , isolated & unregulated dual/single output
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
H0503S-1W MORNSUN-H0503S-1W Datasheet
1,014Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
   1W fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com