Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1-0509S15A3 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RS1-0509S15A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS1-0509S15A3 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RS1-0509S15A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RS1-0509S15A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RS1-0509S15A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RS1-0509S15A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (4)
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
TEST CONFIGURATIONS
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0Ù at 100KHz) at nominal input and
full load.
Lin
Current
Probe
Cin
Load
Output Ripple & Noise Measurement Test
The Scope measurement bandwidth is 20MHz .
Load
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Full load
(mA)
RD1-0505S15AX
5
35
390
3.3
400
77
220
RD1-0507S15AX
5
30
385
5
300
78
220
RD1-0509S15AX
5
30
400
7.2
208
75
220
RD1-0512S15AX
5
25
400
9
167
75
220
RD1-0515S15AX
5
25
370
12
125
81
220
RD1-0518S15AX
5
25
366
15
100
82
220
RD1-0524S15AX
5
25
375
18
83
80
220
RD1-1203S15AX
5
30
361
24
63
83
220
RD1-1205S15AX
12
15
170
3.3
400
74
220
RD1-1207S15AX
12
15
154
5
300
81
220
RD1-1209S15AX
12
25
164
7.2
208
76
220
RD1-1212S15AX
12
15
149
9
167
84
220
RD1-1215S15AX
12
15
156
12
125
80
220
RD1-1218S15AX
12
15
156
15
100
80
220
RD1-1224S15AX
12
15
156
18
83
80
220
RD1-0505S15AX
12
15
164
24
63
76
220
RD1-1524S15AX
24
10
83
3.3
400
75
220
RD1-2403S15AX
24
9
76
5
300
82
220
RD1-2405S15AX
24
10
75
7.2
208
83
220
RD1-2407S15AX
24
10
74
9
167
85
220
RD1-2409S15AX
24
10
78
12
125
80
220
RD1-2412S15AX
24
8
76
15
100
82
220
RD1-2415S15AX
24
8
78
18
83
80
220
RD1-2418S15AX
24
9
76
24
63
82
220
Isolation “3” means 3 KVdc isolation
+Vout
DC/DC
Converter
-Vout
Scope
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
NOTE
1.Ripple/Noise measured with 20MHz bandwidth.
2.Tested by minimal Vin and constant resistive load.
3.Measured Input reflected ripple current with a simulated source inductance of 12uH.
4.Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
5. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
TEST CONFIGURATIONS
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0Ù at 100KHz) at nominal input and
full load.
Lin
Current
Probe
Cin
Load
Output Ripple & Noise Measurement Test
The Scope measurement bandwidth is 20MHz .
Load
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Full load
(mA)
RD1-0505S15AX
5
35
390
3.3
400
77
220
RD1-0507S15AX
5
30
385
5
300
78
220
RD1-0509S15AX
5
30
400
7.2
208
75
220
RD1-0512S15AX
5
25
400
9
167
75
220
RD1-0515S15AX
5
25
370
12
125
81
220
RD1-0518S15AX
5
25
366
15
100
82
220
RD1-0524S15AX
5
25
375
18
83
80
220
RD1-1203S15AX
5
30
361
24
63
83
220
RD1-1205S15AX
12
15
170
3.3
400
74
220
RD1-1207S15AX
12
15
154
5
300
81
220
RD1-1209S15AX
12
25
164
7.2
208
76
220
RD1-1212S15AX
12
15
149
9
167
84
220
RD1-1215S15AX
12
15
156
12
125
80
220
RD1-1218S15AX
12
15
156
15
100
80
220
RD1-1224S15AX
12
15
156
18
83
80
220
RD1-0505S15AX
12
15
164
24
63
76
220
RD1-1524S15AX
24
10
83
3.3
400
75
220
RD1-2403S15AX
24
9
76
5
300
82
220
RD1-2405S15AX
24
10
75
7.2
208
83
220
RD1-2407S15AX
24
10
74
9
167
85
220
RD1-2409S15AX
24
10
78
12
125
80
220
RD1-2412S15AX
24
8
76
15
100
82
220
RD1-2415S15AX
24
8
78
18
83
80
220
RD1-2418S15AX
24
9
76
24
63
82
220
Isolation “3” means 3 KVdc isolation
+Vout
DC/DC
Converter
-Vout
Scope
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
NOTE
1.Ripple/Noise measured with 20MHz bandwidth.
2.Tested by minimal Vin and constant resistive load.
3.Measured Input reflected ripple current with a simulated source inductance of 12uH.
4.Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
5. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
DC/DC-Converter
1.5W unregulated
Single Output
we energize electronics!
an acal group company
we energize electronics!
TEST CONFIGURATION
NOTE
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
TEST CONFIGURATIONS
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0Ù at 100KHz) at nominal input and
full load.
Lin
Current
Probe
Cin
Load
Output Ripple & Noise Measurement Test
The Scope measurement bandwidth is 20MHz .
Load
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Full load
(mA)
RD1-0505S15AX
5
35
390
3.3
400
77
220
RD1-0507S15AX
5
30
385
5
300
78
220
RD1-0509S15AX
5
30
400
7.2
208
75
220
RD1-0512S15AX
5
25
400
9
167
75
220
RD1-0515S15AX
5
25
370
12
125
81
220
RD1-0518S15AX
5
25
366
15
100
82
220
RD1-0524S15AX
5
25
375
18
83
80
220
RD1-1203S15AX
5
30
361
24
63
83
220
RD1-1205S15AX
12
15
170
3.3
400
74
220
RD1-1207S15AX
12
15
154
5
300
81
220
RD1-1209S15AX
12
25
164
7.2
208
76
220
RD1-1212S15AX
12
15
149
9
167
84
220
RD1-1215S15AX
12
15
156
12
125
80
220
RD1-1218S15AX
12
15
156
15
100
80
220
RD1-1224S15AX
12
15
156
18
83
80
220
RD1-0505S15AX
12
15
164
24
63
76
220
RD1-1524S15AX
24
10
83
3.3
400
75
220
RD1-2403S15AX
24
9
76
5
300
82
220
RD1-2405S15AX
24
10
75
7.2
208
83
220
RD1-2407S15AX
24
10
74
9
167
85
220
RD1-2409S15AX
24
10
78
12
125
80
220
RD1-2412S15AX
24
8
76
15
100
82
220
RD1-2415S15AX
24
8
78
18
83
80
220
RD1-2418S15AX
24
9
76
24
63
82
220
Isolation “3” means 3 KVdc isolation
+Vout
DC/DC
Converter
-Vout
Scope
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
NOTE
1.Ripple/Noise measured with 20MHz bandwidth.
2.Tested by minimal Vin and constant resistive load.
3.Measured Input reflected ripple current with a simulated source inductance of 12uH.
4.Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
5. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.


Similar Part No. - RS1-0509S15A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS1-0509S02AX RSG-RS1-0509S02AX Datasheet
1Mb / 5P
   DC/DC-Converter
RS1-0509S05A1 RSG-RS1-0509S05A1 Datasheet
1Mb / 5P
   DC/DC-Converter
RS1-0509S05A3 RSG-RS1-0509S05A3 Datasheet
1Mb / 5P
   DC/DC-Converter
RS1-0509S20A1 RSG-RS1-0509S20A1 Datasheet
772Kb / 3P
   DC/DC-Converter
RS1-0509S20A3 RSG-RS1-0509S20A3 Datasheet
772Kb / 3P
   DC/DC-Converter
More results

Similar Description - RS1-0509S15A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com