Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT3-1215R10D1WR2 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # RT3-1215R10D1WR2
Description  1W, fixed input voltage isolated & regulated single output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RT3-1215R10D1WR2 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  RT3-1215R10D1WR2 Datasheet HTML 1Page - RSG Electronic Components GmbH RT3-1215R10D1WR2 Datasheet HTML 2Page - RSG Electronic Components GmbH RT3-1215R10D1WR2 Datasheet HTML 3Page - RSG Electronic Components GmbH RT3-1215R10D1WR2 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 4 (4)
RT3-S10D1WR Series
RSG Electronic Components
Sprendlinger Ldstr. 115 63069 Offenbach phone: +49 69/984047-0 info@rsg-electronic.de
Dimensions and Recommended Layout
Notes:
1. Packing Information please refer to 'Product Packing Information'.
2. If the product is operated under the min. required load, the product performance cannot be guaranteed to comply with all performance
indexes in this datasheet;
3. The max. capacitive load should be tested within the input voltage range and under full load conditions;
4. Unless otherwise specified, data in this data sheet should be tested under the conditions of Ta=25
°C, humidity<75% when inputting
nominal voltage and outputting rated load;
5. All index testing methods in this datasheet are based on our Company`s corporate standards;
6. The performance indexes of the product models listed in this manual are as above, but some indexes of non-standard model products will
exceed the above-mentioned requirements, and please directly contact our technicians for specific information;
7. We can provide product customization service;
8. Specifications of this product are subject to changes without prior notice.
RT3-S10D1WR Series
RSG Electronic Components
Sprendlinger Ldstr. 115 63069 Offenbach phone: +49 69/984047-0 info@rsg-electronic.de
Dimensions and Recommended Layout
Notes:
1. Packing Information please refer to 'Product Packing Information'.
2. If the product is operated under the min. required load, the product performance cannot be guaranteed to comply with all performance
indexes in this datasheet;
3. The max. capacitive load should be tested within the input voltage range and under full load conditions;
4. Unless otherwise specified, data in this data sheet should be tested under the conditions of Ta=25
°C, humidity<75% when inputting
nominal voltage and outputting rated load;
5. All index testing methods in this datasheet are based on our Company`s corporate standards;
6. The performance indexes of the product models listed in this manual are as above, but some indexes of non-standard model products will
exceed the above-mentioned requirements, and please directly contact our technicians for specific information;
7. We can provide product customization service;
8. Specifications of this product are subject to changes without prior notice.
DC/DC-Converter
1W, fixed input voltage
isolated & regulated single output
we energize electronics!
an acal group company
we energize electronics!
DIMENSIONS and recommended layout
The models listed here are just standard type. If you need a product with special specification or you have questions regarding packing standards
(Tube oder Tape/Reel) as well as application support, please contact our specialists: sales@rsg-electronic.de or +49 69-984047-41/-28


Similar Part No. - RT3-1215R10D1WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT3-1212R10D3WR RSG-RT3-1212R10D3WR Datasheet
653Kb / 4P
   1W, fixed input voltage isolated & regulated single output
More results

Similar Description - RT3-1215R10D1WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT3-R10D3WR RSG-RT3-R10D3WR Datasheet
653Kb / 4P
   1W, fixed input voltage isolated & regulated single output
logo
GAPTEC Electronic GmbH ...
1S7A-R GAPTEC-1S7A-R Datasheet
604Kb / 3P
   1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
logo
RSG Electronic Componen...
RT4-D10D1WR RSG-RT4-D10D1WR Datasheet
697Kb / 5P
   1W fixed input voltage isolated & un regulated dual output
logo
GAPTEC Electronic GmbH ...
1S7BE GAPTEC-1S7BE Datasheet
971Kb / 4P
   1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
logo
MORNSUN Science& Techno...
IF_S-1WR3 MORNSUN-IF_S-1WR3 Datasheet
1Mb / 4P
   1W isolated DC-DC converter Fixed input voltage, regulated single output
2021.12.28
logo
GAPTEC Electronic GmbH ...
1T12CW GAPTEC-1T12CW Datasheet
890Kb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
1T14A-3RP GAPTEC-1T14A-3RP Datasheet
676Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated
1T10A-1.5RP GAPTEC-1T10A-1.5RP Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IF0505S-1W MORNSUN-IF0505S-1W Datasheet
504Kb / 4P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
   1W fixed input voltage isolated & unregulated single output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com