Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2-1212S20D1WR Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # RT2-1212S20D1WR
Description  2W fixed input voltage isolated & regulated single output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RT2-1212S20D1WR Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  RT2-1212S20D1WR Datasheet HTML 1Page - RSG Electronic Components GmbH RT2-1212S20D1WR Datasheet HTML 2Page - RSG Electronic Components GmbH RT2-1212S20D1WR Datasheet HTML 3Page - RSG Electronic Components GmbH RT2-1212S20D1WR Datasheet HTML 4Page - RSG Electronic Components GmbH RT2-1212S20D1WR Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 4 (5)
RT2-S20D1WR Series
RSG Electronic Components
Sprendlinger Ldstr. 115 63069 Offenbach phone: +49 69/984047-0 info@rsg-electronic.de
Design Reference
1. Typical application circuit
If it is required to further reduce input and output ripple, a filter capacitor may be connected to the input and output terminals, see Fig.3.
Moreover, choosing a suitable filter capacitor is very important, start-up problems may be caused if the capacitance is too large. Under the
condition of safe and reliable operation, the recommended capacitive load values are shown in Table 1.
Vin
GND
+Vo
0V
DC
C in
DC
C out
Fig.3
Recommended capacitive load value table (Table 1)
Vin(VDC)
Cin(µF)
Vo (VDC)
Cout(µF)
5
4.7
3.3
10
12
2.2
5
10
15
2.2
9
4.7
24
1
12
2.2
--
--
15
1
--
--
24
0.47
2. EMC solution-recommended circuit
Vin
GND
+Vo
0V
DC/ DC
LOAD
LDM
C1
CY
Vin
GND
C3
C2
Fig. 4
Input voltage (VDC)
5/12/15
24
EMI
C1
4.7µF /50V
C2
4.7µF /50V
C3
Refer to the Cout in Fig.3
CY
--
1nF/2KV
LDM
6.8µH
Notes: 1. 24V input series, 24V output series is subject to CY (CY :
1nF/2KV).
2. It is not needed to add the component in the peripheral
circuit when
parameter with the symbol of "--".
3. Output load requirements
When using, the minimum load of the module output should not be less than 10% of the nominal load. In order to meet the performance
parameters of this datasheet, please connect a 10% dummy load in parallel at the output end, the dummy load is generally a resistor, Please
note that the resistor needs to be used in derating.
For more information please find DC-DC converter application notes on www.rsg-electronic.de
DC/DC-Converter
2W fixed input voltage
isolated & regulated single output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RT2-1212S20D1WR

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT2-1212S20D3WR RSG-RT2-1212S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
More results

Similar Description - RT2-1212S20D1WR

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
2S7A-1RP GAPTEC-2S7A-1RP Datasheet
811Kb / 3P
   2W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
logo
RSG Electronic Componen...
RT2-S20D3WR RSG-RT2-S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503T-2W MORNSUN-B0503T-2W Datasheet
360Kb / 4P
   2W, Fixed input voltage , isolated unregulated single output
logo
RSG Electronic Componen...
RT3-R10D1WR RSG-RT3-R10D1WR Datasheet
650Kb / 4P
   1W, fixed input voltage isolated & regulated single output
RT3-R10D3WR RSG-RT3-R10D3WR Datasheet
653Kb / 4P
   1W, fixed input voltage isolated & regulated single output
logo
GAPTEC Electronic GmbH ...
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
2D16WA GAPTEC-2D16WA Datasheet
745Kb / 3P
   2W - Dual/Single Output - Wide Input - Isolated & Regulated
2S9W4 GAPTEC-2S9W4 Datasheet
1Mb / 5P
   2W - Dual/Single Output - Wide Input - Isolated & Regulated
2S8W-2RP GAPTEC-2S8W-2RP Datasheet
961Kb / 3P
   2W - Dual/Single Output - Wide Input - Isolated & Regulated
2S8W GAPTEC-2S8W Datasheet
849Kb / 4P
   2W - Dual/Single Output - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com