Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT1-0505S10D1WR Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RT1-0505S10D1WR
Description  1W fixed input voltage isolated & unregulated single output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RT1-0505S10D1WR Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RT1-0505S10D1WR Datasheet HTML 1Page - RSG Electronic Components GmbH RT1-0505S10D1WR Datasheet HTML 2Page - RSG Electronic Components GmbH RT1-0505S10D1WR Datasheet HTML 3Page - RSG Electronic Components GmbH RT1-0505S10D1WR Datasheet HTML 4Page - RSG Electronic Components GmbH RT1-0505S10D1WR Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (5)
RT1-S10D1WR Series
RSG Electronic Components
• Sprendlinger Ldstr. 115 • 63069 Offenbach • phone: +49 69/984047-0 • info@rsg-electronic.de
Physical Specifications
Casing Material
Epoxy resin (UL94-V0)
Dimensions
12.70*11.20*7.25 mm
Weight
1.6g(Typ.)
Cooling Method
Free convection
EMC Specifications
EMI
RE
CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit)
EMS
ESD
IEC/EN61000-4-2
Contact ±8KV perf. Criteria B
Product Characteristic Curve
3.3VDC output
-10%
80%
20%
10%
40%
60%
-5%
0
+5%
+10%
100%
Typ1
Min.
Ma x.
-15%
-7.5%
+1.0%
-15%
Tole ra nce Envelope Curve
Output Current Perc enta ge(%)
(Nomina l Input Volta ge)
Other output
-10%
80%
20%
10%
40%
60%
-5%
0
+5%
+10%
+15%
100%
Typ1
Min.
Ma x.
-7.5%
-2.5%
+2.5%
Output Current Perc ent(%)
(Nomina l Input Volta ge )
Tole ra nc e Envelope Curve
Fig. 1
120
100
80
60
40
20
0
-40
0
40
71
105
Ambient Temp.( )
Safe O pe ra ting Area
Te mpera ture Dera ting Curve
100
Fig. 2
50
55
60
65
70
75
80
85
90
95
100
4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5
Input Voltage(V)
Efficiency VsInput Voltage (Full Load)
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage(%)
Efficiency VsOutput Load(Vin=5V)
RT1-0505S10D1WR
RT1-0505S10D1WR
DC/DC-Converter
1W fixed input voltage
isolated & unregulated single output
we energize electronics!
an acal group company
we energize electronics!
RT1-S10D1WR Series
RSG Electronic Components
• Sprendlinger Ldstr. 115 • 63069 Offenbach • phone: +49 69/984047-0 • info@rsg-electronic.de
Physical Specifications
Casing Material
Epoxy resin (UL94-V0)
Dimensions
12.70*11.20*7.25 mm
Weight
1.6g(Typ.)
Cooling Method
Free convection
EMC Specifications
EMI
RE
CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit)
EMS
ESD
IEC/EN61000-4-2
Contact ±8KV perf. Criteria B
Product Characteristic Curve
3.3VDC output
-10%
80%
20%
10%
40%
60%
-5%
0
+5%
+10%
100%
Typ1
Min.
Ma x.
-15%
-7.5%
+1.0%
-15%
Tole ra nce Envelope Curve
Output Current Perc enta ge(%)
(Nomina l Input Volta ge)
Other output
-10%
80%
20%
10%
40%
60%
-5%
0
+5%
+10%
+15%
100%
Typ1
Min.
Ma x.
-7.5%
-2.5%
+2.5%
Output Current Perc ent(%)
(Nomina l Input Volta ge )
Tole ra nc e Envelope Curve
Fig. 1
120
100
80
60
40
20
0
-40
0
40
71
105
Ambient Temp.( )
Safe O pe ra ting Area
Te mpera ture Dera ting Curve
100
Fig. 2
50
55
60
65
70
75
80
85
90
95
100
4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5
Input Voltage(V)
Efficiency VsInput Voltage (Full Load)
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage(%)
Efficiency VsOutput Load(Vin=5V)
RT1-0505S10D1WR
RT1-0505S10D1WR


Similar Part No. - RT1-0505S10D1WR

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT1-5 ADAM-TECH-RT1-5 Datasheet
151Kb / 2P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT1-5 ADAM-TECH-RT1-5 Datasheet
497Kb / 16P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
logo
TE Connectivity Ltd
RT1-DC TEC-RT1-DC Datasheet
336Kb / 3P
   Power PCB Relay RT1 DC and AC
logo
Adam Technologies, Inc.
RT1-XX ADAM-TECH-RT1-XX Datasheet
105Kb / 1P
   LOW PROFILE SMT SIGNAL RELAY
More results

Similar Description - RT1-0505S10D1WR

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0560LD-1WR2 MORNSUN-B0560LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0503S-1WR3 MORNSUN-B0503S-1WR3 Datasheet
771Kb / 5P
   1W, Fixed input voltage, isolated & unregulated single output
CF0505XT-1WR3 MORNSUN-CF0505XT-1WR3 Datasheet
600Kb / 3P
   1W, Fixed input voltage, isolated & unregulated single output
B0560LS-1WR2 MORNSUN-B0560LS-1WR2 Datasheet
942Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503XT-1WR3 MORNSUN-F0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com