Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT1-0324S10D1WR Datasheet(PDF) 5 Page - RSG Electronic Components GmbH

Part # RT1-0324S10D1WR
Description  1W fixed input voltage isolated & unregulated single output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RT1-0324S10D1WR Datasheet(HTML) 5 Page - RSG Electronic Components GmbH

  RT1-0324S10D1WR Datasheet HTML 1Page - RSG Electronic Components GmbH RT1-0324S10D1WR Datasheet HTML 2Page - RSG Electronic Components GmbH RT1-0324S10D1WR Datasheet HTML 3Page - RSG Electronic Components GmbH RT1-0324S10D1WR Datasheet HTML 4Page - RSG Electronic Components GmbH RT1-0324S10D1WR Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 5 (5)
RT1-S10D1WR Series
RSG Electronic Components
• Sprendlinger Ldstr. 115 • 63069 Offenbach • phone: +49 69/984047-0 • info@rsg-electronic.de
Dimensions and Recommended Layout
2BXT1WR201-A0
Note: Grid 2.54*2.54mm
Note:
Unit: mm[inch]
Pin section tolerances: ±0.10[±0.004]
General tolerances: ±0.25[±0.010]
NC: No Connection
A
0.88 [0.035]
12.70±0.50 [0.500±0.020]
Function
GND
0V
Pin
1
2
4
Vin
+Vo
5
8
NC
Front View
Top View
Right View
8
5
1
2
4
5
8
1
2
4
Top View
7.62 [0.300]
0.60 [0.024]
2.54 [0.100]
7.62 [0.300]
1.00 [0.039]
2.54 [0.100]
A
0.10
THIRD ANGLE PROJECTION
Pin-Out
Notes:
1. Packing information please refer to Product Packing Information which can be downloaded from rsg-electronic.de Packing bag number:
58210024;
2. If the product is not operated within the required load range, the product performance cannot be guaranteed to comply with all parameters
in the datasheet;
3. The maximum capacitive load offered were tested at nominal input voltage and full load;
4. Unless otherwise specified, parameters in this datasheet were measured under the conditions of Ta=25℃, humidity<75% with nominal input
voltage and rated output load;
5. All index testing methods in this datasheet are based on our Company’s corporate standards;
6. The performance parameters of the product models listed in this manual are as above, but some parameters of non-standard model products
may exceed the requirements mentioned above. Please contact our technicians directly for specific information;
7. We can provide product customization service;
8. Specifications are subject to change without prior notice.
RT1-S10D1WR Series
RSG Electronic Components
• Sprendlinger Ldstr. 115 • 63069 Offenbach • phone: +49 69/984047-0 • info@rsg-electronic.de
Dimensions and Recommended Layout
2BXT1WR201-A0
Note: Grid 2.54*2.54mm
Note:
Unit: mm[inch]
Pin section tolerances: ±0.10[±0.004]
General tolerances: ±0.25[±0.010]
NC: No Connection
A
0.88 [0.035]
12.70±0.50 [0.500±0.020]
Function
GND
0V
Pin
1
2
4
Vin
+Vo
5
8
NC
Front View
Top View
Right View
8
5
1
2
4
5
8
1
2
4
Top View
7.62 [0.300]
0.60 [0.024]
2.54 [0.100]
7.62 [0.300]
1.00 [0.039]
2.54 [0.100]
A
0.10
THIRD ANGLE PROJECTION
Pin-Out
Notes:
1. Packing information please refer to Product Packing Information which can be downloaded from rsg-electronic.de Packing bag number:
58210024;
2. If the product is not operated within the required load range, the product performance cannot be guaranteed to comply with all parameters
in the datasheet;
3. The maximum capacitive load offered were tested at nominal input voltage and full load;
4. Unless otherwise specified, parameters in this datasheet were measured under the conditions of Ta=25℃, humidity<75% with nominal input
voltage and rated output load;
5. All index testing methods in this datasheet are based on our Company’s corporate standards;
6. The performance parameters of the product models listed in this manual are as above, but some parameters of non-standard model products
may exceed the requirements mentioned above. Please contact our technicians directly for specific information;
7. We can provide product customization service;
8. Specifications are subject to change without prior notice.
DC/DC-Converter
1W fixed input voltage
isolated & unregulated single output
we energize electronics!
an acal group company
we energize electronics!
The models listed here are just standard type. If you need a product with special specification or you have questions regarding packing standards
(Tube oder Tape/Reel) as well as application support, please contact our specialists: sales@rsg-electronic.de or +49 69-984047-41/-28


Similar Part No. - RT1-0324S10D1WR

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT1-5 ADAM-TECH-RT1-5 Datasheet
151Kb / 2P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT1-5 ADAM-TECH-RT1-5 Datasheet
497Kb / 16P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
logo
TE Connectivity Ltd
RT1-DC TEC-RT1-DC Datasheet
336Kb / 3P
   Power PCB Relay RT1 DC and AC
logo
Adam Technologies, Inc.
RT1-XX ADAM-TECH-RT1-XX Datasheet
105Kb / 1P
   LOW PROFILE SMT SIGNAL RELAY
More results

Similar Description - RT1-0324S10D1WR

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0560LD-1WR2 MORNSUN-B0560LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0503S-1WR3 MORNSUN-B0503S-1WR3 Datasheet
771Kb / 5P
   1W, Fixed input voltage, isolated & unregulated single output
CF0505XT-1WR3 MORNSUN-CF0505XT-1WR3 Datasheet
600Kb / 3P
   1W, Fixed input voltage, isolated & unregulated single output
B0560LS-1WR2 MORNSUN-B0560LS-1WR2 Datasheet
942Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503XT-1WR3 MORNSUN-F0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com