Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N6762A Datasheet(PDF) 10 Page - Keysight Technologies

Part # N6762A
Description  DC Power Modules
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N6762A Datasheet(HTML) 10 Page - Keysight Technologies

Back Button N6762A Datasheet HTML 6Page - Keysight Technologies N6762A Datasheet HTML 7Page - Keysight Technologies N6762A Datasheet HTML 8Page - Keysight Technologies N6762A Datasheet HTML 9Page - Keysight Technologies N6762A Datasheet HTML 10Page - Keysight Technologies N6762A Datasheet HTML 11Page - Keysight Technologies N6762A Datasheet HTML 12Page - Keysight Technologies N6762A Datasheet HTML 13Page - Keysight Technologies N6762A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
N6731B-N6786A DC Power Modules
N6700B-N6705B Mainframes
10
Specifications Guide
Power Module Option Characteristics
Option 760 & 761
Option 761 provides output and sense disconnect relays. Option 760
provides polarity reversal in addition to output and sense disconnect.
Note that models N678xA SMU have output and sense disconnect relays
built in.
• Option 760 limits the output current to 10 A on Models N6742B
and N6773A.
• Option 760 is not available on Models N6741B, N6751A, N6752A,
N6761A, N6762A, and N6781A – N6786A
Although the plus and minus rail of the output power mesh are
physically disconnected from the output terminals with options 760 and
761, a small AC network is still connected across the plus and minus
output terminals (see figure).
Option 054
Option 054 (High-speed Test Extensions) include output list and
digitized measurement capability. This option is separately orderable for
Models N673xB, N674xB, N677xA, and N675xA when installed in an
N6700 MPS mainframes. All other power modules as well as the N6705
DC Power Analyzer mainframes have output list and digitized
measurement capability built in.
Output list:
• Maximum number of steps = 512
• Maximum dwell time in seconds = 262
• Maximum list repetitions = 256 or infinite
Digitized measurement:
• Maximum measurement points = 524,288
• Maximum sample rate = 97.656 kHz
Option 2UA
Option 2UA is a 200 microampere measurement range available on
Models N6761A and N6762A only. It includes Option 761 relay
capability.
+S
+
-S
Option 761
+ rail
+ sense
- rail
- sense


Similar Part No. - N6762A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N6762A KEYSIGHT-N6762A Datasheet
2Mb / 24P
   N6700 Modular Power System Family
December 1, 2017
N6762A KEYSIGHT-N6762A Datasheet
1Mb / 57P
   Keysight N6700 Modular Power System Family
March 2017
N6762A-ATO KEYSIGHT-N6762A-ATO Datasheet
2Mb / 24P
   N6700 Modular Power System Family
December 1, 2017
N6762A1 KEYSIGHT-N6762A1 Datasheet
2Mb / 24P
   N6700 Modular Power System Family
December 1, 2017
More results

Similar Description - N6762A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N6736B KEYSIGHT-N6736B Datasheet
1Mb / 57P
   DC Power Modules
N6743B KEYSIGHT-N6743B Datasheet
1Mb / 57P
   DC Power Modules
N6755A KEYSIGHT-N6755A Datasheet
1Mb / 57P
   DC Power Modules
N6741B KEYSIGHT-N6741B Datasheet
1Mb / 57P
   DC Power Modules
N6764A KEYSIGHT-N6764A Datasheet
1Mb / 57P
   DC Power Modules
N6763A KEYSIGHT-N6763A Datasheet
1Mb / 57P
   DC Power Modules
N6756A KEYSIGHT-N6756A Datasheet
1Mb / 57P
   DC Power Modules
N6752A KEYSIGHT-N6752A Datasheet
1Mb / 57P
   DC Power Modules
N6761A KEYSIGHT-N6761A Datasheet
1Mb / 57P
   DC Power Modules
N6731B KEYSIGHT-N6731B Datasheet
1Mb / 57P
   DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com