Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS2214 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AS2214
Description  Primary Side PWM Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2214 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AS2214 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Primary Side PWM Controller
AS2214
87
ASTEC Semiconductor
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Reference Current
IREF
200
mA
Output Current
IOUT
1A
Supply Voltage
VCC
20
V
Output Voltage
VOUT
20
V
Continuous Power Dissipation at 25
° CPD
500
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
– 65 to 150
°C
Lead Temperature, Soldering 10 Seconds
TL
300
°C
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Recommended Conditions
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
10 - 15
V
Oscillator
FOSC
50 - 250
kHz
Typical Thermal Resistance
Package
θJA
θJC
Typical Derating
14L PDIP
85
° C/W
40
° C/W
11.7 mW/
°C
Electrical Characteristics
Electrical Characteristics are guaranteed over full junction temperature range (0 to 105
° C). Ambient temperature must be derated
based on power dissipation and package thermal characteristics. Unless otherwise specified, the conditions of test are VCC = 15 V;
BOK = 3 V; OV = 0V; RT = 680
Ω; CT = 10 nF. To override UVLO, VCC should be raised above 18 V prior to test.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Error Amplifier
Input Voltage
VFB
TJ = 25
°C
2.465
2.500
2.535
V
Input Bias Current
IBIAS
-0.1
-1
µA
Voltage Gain
AVOL
2
≤ VCOMP ≤ 4 V
65
90
dB
Transconductance
Gm
1
mA/mV
Unity Gain Bandwidth
GBW
0.8
1.2
MHz
Power Supply Rejection Ratio
PSRR
12
≤ VCC ≤ 18 V
60
70
dB
Output Sink Current
ICOMPL
VFB = 2.7 V; VCOMP = 1.1 V
2
6
mA
Output Source Current
ICOMPH
VFB = 2.3 V; VCOMP = 5 V
0.5
1.0
mA
Output Swing High
ICOMPH
VFB = 2.3 V; RL = 15
Ω to GND
5
5.5
V
Output Swing Low
ICOMPL
VFB = 2.7 V; RL = 15
Ω to VREG
0.7
1.1
V


Similar Part No. - AS2214

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS221-306 SKYWORKS-AS221-306 Datasheet
65Kb / 2P
   PHEMT GaAs IC High Power SP4T Switch 0.1 - 2.5 GHz
AS221-306 SKYWORKS-AS221-306 Datasheet
246Kb / 4P
   PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
AS221-306LF SKYWORKS-AS221-306LF Datasheet
246Kb / 4P
   PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
AS221-306 SKYWORKS-AS221-306_06 Datasheet
246Kb / 4P
   PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
More results

Similar Description - AS2214

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
   Primary-side-control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com