Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9380A Datasheet(PDF) 6 Page - Keysight Technologies

Part # M9380A
Description  M9380A PXIe CW Source
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9380A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button M9380A Datasheet HTML 2Page - Keysight Technologies M9380A Datasheet HTML 3Page - Keysight Technologies M9380A Datasheet HTML 4Page - Keysight Technologies M9380A Datasheet HTML 5Page - Keysight Technologies M9380A Datasheet HTML 6Page - Keysight Technologies M9380A Datasheet HTML 7Page - Keysight Technologies M9380A Datasheet HTML 8Page - Keysight Technologies M9380A Datasheet HTML 9Page - Keysight Technologies M9380A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
06 | Keysight | M9380A PXIe CW Source 1 MHz to 3 GHz or 6 GHz - Data Sheett
Technical Specifications and Characteristics (continued)
Frequency (continued)
Frequency accuracy
Same as accuracy of internal time base or external reference input
Internal timebase
Accuracy
± (time since last adjustment x aging rate)
± temperature effects
± calibration accuracy
Frequency stability
Aging rate
Daily
< ±0.5 ppb/day, after 72 hour warm-up
Yearly
< ±0.1 ppm/year, after 72 hours warm-up
Total 10 years
< ±0.6 ppm/10yrs, after 72 hours warm-up
Achievable initial calibration accuracy (at time of shipment)
±5 x 10 -8
Temperature effects
20 to 30 °C
< ±10 ppb
Full temperature range
< ±50 ppb
Warm up
5 minutes over +20 to +30 °C, with respect to 1 hour
< ±0.1 ppm
15 minutes over +20 to +30 °C, with respect to 1 hour
< ±0.01 ppm
External reference input
Frequency
1 MHz to 110 MHz, sine wave
Lock range
±1 ppm, nominal
Amplitude
0 to 10 dBm, nominal
Connector
1 SMB snap-on
Impedance
50 Ω, nominal


Similar Part No. - M9380A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9380A KEYSIGHT-M9380A Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9380A KEYSIGHT-M9380A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9380A KEYSIGHT-M9380A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
M9380A-1EA KEYSIGHT-M9380A-1EA Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9380A-300 KEYSIGHT-M9380A-300 Datasheet
2Mb / 17P
   M9380A PXIe CW Source
More results

Similar Description - M9380A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9380A KEYSIGHT-M9380A_18 Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
logo
Emcore Corporation
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM_12 Datasheet
509Kb / 6P
   DWDM High Power CW Source Laser
logo
Keysight Technologies
M9111A KEYSIGHT-M9111A_18 Datasheet
1Mb / 11P
   M9111A PXIe High-Speed Source/Measure Unit
logo
Emcore Corporation
1782A EMCORE-1782A Datasheet
181Kb / 6P
   DWDM High Power CW Source Laser
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM Datasheet
700Kb / 6P
   DWDM High Power CW Source Laser
logo
Keysight Technologies
M924XA KEYSIGHT-M924XA Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9010A KEYSIGHT-M9010A Datasheet
2Mb / 13P
   M9010A PXIe Chassis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com