Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9202A Datasheet(PDF) 9 Page - Keysight Technologies

Part No. M9202A
Description  PXI-Express Wideband IF Digitizer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M9202A Datasheet(HTML) 9 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
WARRANTY AND CALIBRATION
Advantage Services: Calibration and Warranty
Agilent Advantage Services is committed to your success
throughout your equipment’s lifetime.
Included
3-year warranty (return to Agilent), standard
R-51B-001-5Z
5-year return to Agilent warranty assurance plan
Definitions for specifications
Specifications
describe the warranted performance of calibrated instruments that have been stored for a minimum of 2 hours within
the operating temperature range of 0 to 50 °C, unless otherwise stated, and after a 45 minute warm-up period. Data represented in this
document are specifications unless otherwise noted.
Characteristics
describe product performance that is useful in the application of the product, but that is not covered by the product
warranty. Characteristics are often referred to as Typical or Nominal values.
• Typical describes characteristic performance, which 80% of instruments will meet when operated over a 20 to 30 °C temperature
range. Typical performance is not warranted.
• Nominal describes representative performance that is useful in the application of the product when operated over a 20 to 30 °C
temperature range. Nominal performance is not warranted.
Note: All graphs contain measured data from several units at room temperature unless otherwise noted.
ORDERING
Model 1
Description
M9202A
PXIe IF Digitizer: 12-bit, 1 GHz
M9202A-C01
Single channel
M9202A-F02
Frequency range: 2 GS/s
M9202A-M05
Standard memory: 512 MB
M9202A-BAS
Basic Digitizer firmware
M9202A-DDC
Digital down-conversion firmware
M9202A-V05
Streaming, 50 MHz bandwidth
M9202A-V10
Streaming, 100 MHz bandwidth
1 For the M9202A to work properly, at least one PXI Express chassis and one PXI controller
type must be available.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn