Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9202A Datasheet(PDF) 8 Page - Keysight Technologies

Part No. M9202A
Description  PXI-Express Wideband IF Digitizer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M9202A Datasheet(HTML) 8 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Related products
Model
Description
M9302A
PXI Local Oscillator: 3 GHz to 10 GHz
M9351A
PXI Downconverter: 50 MHz to 2.9 GHz
M9361A
PXI Downconverter: 2.75 GHz to 26.5 GHz
M9362A-D01
PXIe Microwave Quad Downconverter:
10 MHz to 26.5 GHz
M9360A
PXI Attenuator/Preselector: 100 kHz to 26.5 GHz
M9392A
PXI Vector Signal Analyzer
M9211A
PXI-H UWB IF Digitizer: 10-bit, 4 GS/s, 3 GHz
M9018A
18-slot PXIe Chassis
M9021A
PCIe Cable Interface
89601
VSA software
Accessories
Description
Software and product information on CD (included)
Cables (included)
CONFIGURATION
Hardware
Model 1
Description
Base
M9202A
PXIe IF Digitizer: 12-bit, 1 GHz
Channels
M9202A-C01
Single channel
Frequency range/Sampling rate
M9202A-F02
Frequency range: 2 GS/s
Memory
M9202A-M05
Standard memory: 512 MB
Firmware
M9202A-DDC
M9202A-BAS
Digital down-conversion firmware
Basic Digitizer firmware
Streaming
M9202A-V05
M9202A-V10
Streaming, 50 MHz bandwidth
Streaming, 100 MHz bandwidth
Required options: at least one option has to be selected in each of
these groups.
Recommended configuration
1
For the M9202A to work properly, at least one PXI Express chassis and one PXI controller
type must be available.
Software
Model
Description
Supported operating
systems
Microsoft Windows XP (32-bit),
Microsoft Windows Vista (32/64-bit),
Microsoft Windows 7 (32/64-bit)
Standard compliant
drivers
IVI-COM, IVI-C, LabVIEW, MATLAB
Supported
application
development
environments (ADE)
VisualStudio (VB.NET, C#, C/C++), LabVIEW,
LabWindows/CVI, MATLAB
Agilent IO Libraries
Includes: VISA Libraries, Agilent Connection
Expert, IO Monitor
Figure 2. Simplified block diagram of the M9202A PXIe IF Digitizer.
M9202A PXIe IF Digitizer
CLK 1 IN
INPUT 1
ADC
Time
base
REF IN
TRG 1
TRG 2
TRG 3
TRG OUT
DDR 3
Memory
FPGA
DDC


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn