Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9202A Datasheet(PDF) 7 Page - Keysight Technologies

Part No. M9202A
Description  PXI-Express Wideband IF Digitizer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M9202A Datasheet(HTML) 7 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Trigger
Trigger modes
Edge (positive, negative)
Trigger sources
External (TRG 1, TRG 2, TRG 3), Software and Magnitude (only with DDC option)
Trigger delay
Pre-trigger
Adjustable to 100% of acquisition window
Post-trigger
Adjustable up to 231-1 samples
External trigger (TRG 1, TRG 2, TRG 3 MMCX connectors)
Coupling
DC
Impedance
50 Ω
Level range
± 5 V (nominal)
Maximum overload protection
± 5 V
Amplitude range
0.5 V pk-pk
Environmental and physical 1
Temperature range
Operating
Non-Operating
0 °C to 50 °C
-40 °C to +70 °C
Relative humidity
Type tested at 95%, +40°C (non-condensing)
Safety
Complies with EN61010-1
EMC
Complies with European EMC Directive 2004/108/EC
•IEC/EN61326-1orIEC/EN61326-2-1
•CISPRPub11Group1,classA
•AS/NZSCISPR11
•ICES/NMB-001
This ISM device complies with Canadian ICES-001.
Cet appareil ISM est conforme a la norme NMB-001 du Canada.
Warm-up time
15 minutes, max
Power dissipation
+3.3 V
+12 V
Total power
2.1 A (nominal)
1.8 A (nominal)
28.5 W (nominal)
Dimensions
•3U/1-slotPXI-Express
•Chassisslotcompatibility:PXIeHybrid,PXIe
•FrontpanelcomplieswithIEEE1101.10certification
Weight
0.8 lb/0.4 kg
TECHNICAL SPECIFICATIONS AND CHARACTERISTICS, CONTINUED
System requirements
Operating Systems
Windows XP, Service Pack 3 or later
(32-bit)
Windows Vista, SP1 and SP2 (32-bit and
64-bit), Business, Ultimate, Enterprise,
Home Basic, and Home Premium
Windows 7 (32-bit and 64-bit)
Starter, Home Basic, Home Premium,
Professional, Ultimate, and Enterprise
Processor speed
600 MHz or higher required 800 MHz
recommended
1 GHz 32-bit (x86), 1 GHz 64-bit (x64),
no support for Itanium 64
1 GHz 32-bit (x86), 1 GHz 64-bit (x64), no
support for Itanium 64
Available
Memory
256 MB minimum
(1 GB or greater recommended)
1 GB minimum
1 GB minimum
Available
Disk Space 1
1.5 GB available hard disk space,
includes:
• 1 GB available for
Microsoft .NET Framework 3.5 SP1 2
• 100 MB for Agilent IO Libraries Suite
1.5 GB available hard disk space,
includes:
• 1 GB available for
Microsoft .NET Framework 3.5 SP1 2
• 100 MB for Agilent IO Libraries Suite
1.5 GB available hard disk space,
includes:
• 1 GB available for
Microsoft .NET Framework 3.5 SP1 2
• 100 MB for Agilent IO Libraries Suite
Video
Super VGA (800x600) 256 colors or
more
Support for DirectX 9 graphics with
128 MB graphics memory recommended
(Super VGA graphics is supported)
Support for DirectX 9 graphics with 128
MB graphics memory recommended
(Super VGA graphics is supported)
Browser
Microsoft Internet Explorer 6.0 or
greater
Microsoft Internet Explorer 7 or greater
Microsoft Internet Explorer 7 or greater
1 Samples of this product have been type tested in accordance with the Agilent Environmental Test Manual and verified to be robust against the environmental stresses of Storage, Transportationand
End-use; those stresses include but are not limited to temperature, humidity, shock, vibration, altitude and power line conditions. Test Methods are aligned with IEC 60068-2 and levels are similar
to MIL-PRF-28800F Class 3.
2 NET Framework Runtime Components are installed by default with Windows Vista and Windows 7. Therefore, you may not need this amount of available disk space.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn