Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9202A Datasheet(PDF) 6 Page - Keysight Technologies

Part No. M9202A
Description  PXI-Express Wideband IF Digitizer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M9202A Datasheet(HTML) 6 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Digital Conversion
Digitizer modes
Basic digitizer or DDC digitizer 1
Resolution
12 bits
Acquisition memory
512 MB (256 MSamples real, 128 MSamples complex)
Sample clock sources
Internal or external
Internal clock source
Internal or external reference
Real-time sampling rates
2 GS/s
Sampling jitter (internal reference)
200 fs RMS (nominal)
Clock accuracy
± 2 ppm
External clock source (CLK 1 IN SMA connector)
Impedance
50 Ω (nominal)
Modes
Continuous
Frequency range
1 GHz
Signal power level
+7 dBm (1.4 V pk-pk in 50 Ω) ± 3 dB
Coupling
AC
External Reference clock (REF IN MMCX connector)
Impedance
50 Ω (nominal)
Frequency range
100 MHz ± 1% (nominal)
Signal power level
+2 dBm ± 5 dB (nominal)
Coupling
AC
Maximum power level
+7 dBm
Time stamps
Records trigger time differences with 250 ps (nominal) resolution
Acquisition modes
Single shot
Digital Downconversion (DDC option only)
Digitizer modes
Basic digitizer or DDC digitizer
Recommended input signal peak level
–2 dBm
Flip band
Enabled or disabled
IF Frequency
500 MHz
Usable data bandwidth (DBW)
250 MHz and 200 MHz/2n (n = 0, 1, 2, …, 18)
Trigger bandwidth
250 MHz and 200 MHz/2n (n = 0, 1, 2, …, 18)
Frequency shift
[0, ±Y] + [0, ±2Y] + [0, ±4Y] + … + [0, ±125 MHz], where
Y = 2.5xDBW/4 for DBW ≤ 200 MHz
Dither levels
0, 1, 2, …, 31, where 31 = FS/2 (recommended: 14)
TECHNICAL SPECIFICATIONS AND CHARACTERISTICS, CONTINUED
1
Only with DDC option


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn