Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M9202A Datasheet(PDF) 5 Page - Keysight Technologies

Part No. M9202A
Description  PXI-Express Wideband IF Digitizer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M9202A Datasheet(HTML) 5 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Analog Input (INPUT 1 SMA connector)
Number of channels
1 (one)
Impedance
50 Ω (nominal)
Coupling
AC
VSWR
< 1.5, (nominal) @ 500 MHz
Full scale (FS) ranges
+4 dBm (1 V pk-pk in 50 Ω)
Maximum input level
+30 dBm (continuous without damage)
-3dB Bandwidth (no filters)
30 MHz (nominal) to 1 GHz
Frequency response flatness
± 1 dB, typical for a frequency range of 100 MHz to 800 MHz
No digital processing (Digitizer mode)
Spurious-Free Dynamic Range (SFDR) 1
@ 125 MHz
54 dBc (60 dBc, typical)
@ 410 MHz
54 dBc (60 dBc, typical)
@ 925 MHz
49 dBc (55 dBc, typical)
Total Harmonic Distortion (THD) 1
@ 125 MHz
–59 dBc (–65 dBc, typical)
@ 410 MHz
–57 dBc (–63 dBc, typical)
@ 925 MHz
–49 dBc (–55 dBc, typical)
Signal to Noise Ratio 2
@ 125 MHz
52 dBc (56 dBc, typical)
@ 410 MHz
51 dBc (55 dBc, typical)
@ 925 MHz
48 dBc (52 dBc, typical)
ENOB 2
@ 125 MHz
9 bits (typical)
@ 410 MHz
8.8 bits (typical)
@ 925 MHz
8.2 bits (typical)
With Digital Downconversion (DDC mode) 3
Spurious-Free Dynamic Range (SFDR) 4
@ 300 MHz (frequency shift = 187.5 MHz)
78 dBc (84 dBc, typical)
@ 410 MHz (frequency shift = 93.75 MHz)
78 dBc (84 dBc, typical)
@ 650 MHz (frequency shift = –156.25 MHz)
77 dBc (83 dBc, typical)
TECHNICAL SPECIFICATIONS AND CHARACTERISTICS
1
Measured for a –1 dBFS input signal in internal clock mode.
2
Measured for a –1 dBFS input signal in internal clock mode, considering the 2nd through 6th harmonics.
3
Only with DDC option
4
Average of 20 measurements on 16384 complex points for a -1 dBFS input signal in internal clock mode. Data Bandwidth = 50 MHz and Dither level = 12 as DDC parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn