Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD2-2409T10A3 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RD2-2409T10A3
Description  DC/DC-Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD2-2409T10A3 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RD2-2409T10A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RD2-2409T10A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RD2-2409T10A3 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 1 (3)
1)Thesearestressratings.Exposureofdevicestoanyoftheseconditionsmayadverselyaffectlong-termreliability.
2)(1.5mmfromcase10secMax.)
3)AllspecificationstypicalatTA=25°C,nominalinputvoltageandfullloadunlessotherwisespecified.
4)Theinformationandspecificationcontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.HoweverRSGacceptsno
responsibilityforconsequencesarisingfromprintingerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
OUTPUT SPECIFICATION
Voltageaccuracy: ±3%
Lineregulation:per1%VinChange:±1.2%
LOADREGULATION: from20%to100%:Load±10%
Output3.3VModel:±20%
Ripplenoise(20Mhzbandwidth): 75mVpk-pk
Temperaturecoefficient: ±0.02%°C
Capacitorload: Seetable
INPUT SPECIFICATIONS
VoltageRange: ±10%
Max.InputCurrent: Seetable
No-Load/Full-LoadInputCurrent: Seetable
InputFilter: Capacitors
InputReflectedRippleCurrent: 20mApk-pk
GENERAL SPECIFICATIONS
Efficiency: Seetable
I/OIsolationVoltage(60sec): 1000~3000VDC
I/OIsolationCapacitance: 60pFtyp.
I/OIsolationResistance: 1000MOhm
SwitchingFrequency: Variable80kHz
Humidity: 95%relH
ReliabilityCalculatedMTBF: >1.121MHrs
(MIL-HDBK-217f)
SafetyStandard:(designedtomeet): IEC60950-1
ENVIRONMENTAL SPECIFICATION
OperatingTemperaturerange:
-40°C~+85°C(seeDeratingCurve)
MaximumCaseTemperature:
100°C
StorageTemperature:
-40°C~+125°C
Cooling:
NatureConvection
PHYSICAL SPECIFICATIONS:
CaseMaterial:
Non-conductiveBlackPlastic
(UL94V-0rated)
PINMaterialSIPCase:
Ø0.5mmAlloy42Solder-coated
PottingMaterial:
Epoxy(UL94V-0rated)
WeightCase-Sip:
2.3g
WeightCase-DIP:
2.6g
DimmensionSIP:
0.76x0.24x0.39“
DimmensionDIP:
0.80x0.40x0.27“
ABSOLUTEMAXIMUMRATINGS(1)
InputSurgeVoltage(100ms)/
5VModels:
7VDCmax
12VModels:
15VDCmax
24VModels:
28VDCmax
48VModels:
54VDCmax
SolderingTemperature(2):
260°Cmax.
•7PinSIL/14PinDILPackage
•1000VDCIsolation
•Upto3000VDCIsolation
•LowRippleandNoise
•Efficiencyupto80%
•OperatingTemperatureRange:
-40°~+85°C
•NonConductiveBlackPlasticCase
DC/DC-Converter
1.0WUnregulated
DualSeparateOutput
we energize electronics!
an acal group company
we energize electronics!
RoHS


Similar Part No. - RD2-2409T10A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD2-2409D10A1 RSG-RD2-2409D10A1 Datasheet
1Mb / 8P
   DC/DC-Converter
RD2-2409D10A3 RSG-RD2-2409D10A3 Datasheet
1Mb / 8P
   DC/DC-Converter
RD2-2409S10A1 RSG-RD2-2409S10A1 Datasheet
1Mb / 8P
   DC/DC-Converter
RD2-2409S10A3 RSG-RD2-2409S10A3 Datasheet
1Mb / 8P
   DC/DC-Converter
More results

Similar Description - RD2-2409T10A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com