Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD1-1512S02AX Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RD1-1512S02AX
Description  DC/DC-Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD1-1512S02AX Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RD1-1512S02AX Datasheet HTML 1Page - RSG Electronic Components GmbH RD1-1512S02AX Datasheet HTML 2Page - RSG Electronic Components GmbH RD1-1512S02AX Datasheet HTML 3Page - RSG Electronic Components GmbH RD1-1512S02AX Datasheet HTML 4Page - RSG Electronic Components GmbH RD1-1512S02AX Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (5)
RD1 -
XX
XX
X
XX
Power (W)
Input
03=3.3V
Type
A
X
Code
internal
Isolation
(kVDC)
48=48V
20=2.0
48=48V
RD1 -
XX
XX
X
XX
Power (W)
Input
03=3.3V
Type
A
X
Code
internal
Isolation
(kVDC)
48=48V
20=2.0
48=48V
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
INPUT Current
OUTPUT
OUTPUT Current
Voltage Range
(Vdc)
No-Load
(mA)
Full Load
(mA)
Voltage
(Vdc)
Full load
(mA)
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
RS1-0303S02AX
3.3
30
120
3.3
75.7
63
100
RS1-0305S02AX
3.3
25
115
5
50
66
100
RS1-0307S02AX
3.3
25
118
7.2
34.7
64
100
RS1-0309S02AX
3.3
25
118
9
27.7
64
100
RS1-0312S02AX
3.3
32
113
12
20.8
67
100
RS1-0315S02AX
3.3
25
118
15
16.6
64
100
RS1-0318S02AX
3.3
25
115
18
13.8
66
100
RS1-0324S02AX
3.3
20
115
24
10.4
66
100
RS1-0503S02AX
5
20
78
3.3
75.7
64
100
RS1-0505S02AX
5
17
70
5
50
71
100
RS1-0507S02AX
5
18
74
7.2
34.7
68
100
RS1-0509S02AX
5
15
68
9
27.7
73
100
RS1-0512S02AX
5
14
66
12
20.8
76
100
RS1-0515S02AX
5
20
70
15
16.6
71
100
RS1-0518S02AX
5
17
69
18
13.8
72
100
RS1-0524S02AX
5
18
65
24
10.4
77
100
RS1-1203S02AX
12
10
32
3.3
75.7
65
100
RS1-1205S02AX
12
12
31
5
50
67
100
RS1-1207S02AX
12
10
31
7.2
34.7
67
100
RS1-1209S02AX
12
12
33
9
27.7
64
100
RS1-1212S02AX
12
15
33
12
20.8
63
100
RS1-1215S02AX
12
13
31
15
16.6
67
100
RS1-1218S02AX
12
13
32
18
13.8
65
100
RS1-1224S02AX
12
18
38
24
10.4
55
100
RS1-1503S02AX
15
12
26
3.3
75.7
63
100
RS1-1505S02AX
15
8
27
5
50
62
100
RS1-1507S02AX
15
12
28
7.2
34.7
60
100
RS1-1509S02AX
15
12
28
9
27.7
60
100
RS1-1512S02AX
15
12
27
12
20.8
62
100
RS1-1515S02AX
15
10
27
15
16.6
61
100
RS1-1518S02AX
15
12
29
18
13.8
57
100
RS1-1524S02AX
15
12
29
24
10.4
57
100
RS1-2403S02AX
24
8
17
3.3
75.7
60
100
RS1-2405S02AX
24
7
17
5
50
61
100
RS1-2407S02AX
24
8
18
7.2
34.7
57
100
RS1-2409S02AX
24
8
17
9
27.7
62
100
RS1-2412S02AX
24
10
19
12
20.8
56
100
RS1-2415S02AX
24
7
19
15
16.6
55
100
RS1-2418S02AX
24
10
18
18
13.8
57
100
RS1-2424S02AX
24
10
18
24
10.4
59
100
RS1-4803S02AX
48
8
9
3.3
75.7
55
100
RS1-485S02AX
48
8
10
5
50
53
100
RS1-4807S02AX
48
8
10
7.2
34.7
54
100
RS1-4809S02AX
48
8
10
9
27.7
54
100
RS1-4812S02AX
48
8
9
12
20.8
55
100
RS1-4815S02AX
48
8
10
15
16.6
54
100
RS1-4818S02AX
48
8
11
18
13.8
49
100
RS1-4824S02AX
48
10
11
24
10.4
49
100
Suffix “3” means 3 KVdc isolation
DC/DC-Converter
0.25W unregulated
Single Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RD1-1512S02AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD1-1512S05A1 RSG-RD1-1512S05A1 Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-1512S05A3 RSG-RD1-1512S05A3 Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-1512S05AX RSG-RD1-1512S05AX Datasheet
1Mb / 5P
   DC/DC-Converter
More results

Similar Description - RD1-1512S02AX

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com