Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9153A Datasheet(PDF) 27 Page - Keysight Technologies

Part # M9153A
Description  PXI RF Switch Modules DC to 3 GHz
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9153A Datasheet(HTML) 27 Page - Keysight Technologies

Back Button M9153A Datasheet HTML 19Page - Keysight Technologies M9153A Datasheet HTML 20Page - Keysight Technologies M9153A Datasheet HTML 21Page - Keysight Technologies M9153A Datasheet HTML 22Page - Keysight Technologies M9153A Datasheet HTML 23Page - Keysight Technologies M9153A Datasheet HTML 24Page - Keysight Technologies M9153A Datasheet HTML 25Page - Keysight Technologies M9153A Datasheet HTML 26Page - Keysight Technologies M9153A Datasheet HTML 27Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
myKeysight
www.keysight.com/find/mykeysight
A personalized view into the information most relevant to you.
www.axiestandard.org
AdvancedTCA® Extensions for Instrumentation and Test (AXIe) is an
open standard that extends the AdvancedTCA for general purpose and
semiconductor test. Keysight is a founding member of the AXIe consortium.
www.pxisa.org
PCI eXtensions for Instrumentation (PXI) modular instrumentation delivers
a rugged, PC-based high-performance measurement and automation
system.
Three-Year Warranty
www.keysight.com/find/ThreeYearWarranty
Keysight’s commitment to superior product quality and lower total cost
of ownership. The only test and measurement company with three-year
warranty standard on all instruments, worldwide.
Keysight Assurance Plans
www.keysight.com/find/AssurancePlans
Up to five years of protection and no budgetary surprises to ensure your
instruments are operating to specification so you can rely on accurate
measurements.
Keysight Channel Partners
www.keysight.com/find/channelpartners
Get the best of both worlds: Keysight’s measurement expertise and product
breadth, combined with channel partner convenience.
PICMG and the PICMG logo, CompactPCI and the CompactPCI logo, AdvancedTCA
and the AdvancedTCA logo are US registered trademarks of the PCI Industrial
Computers Manufacturers Group.“PCIe” and “PCI EXPRESS” are registered
trademarks and/or service marks of PC-SIG.
www.keysight.com/find/modular
www.keysight.com/find/pxi-switch
For more information on Keysight
Technologies’ products, applications or
services, please contact your local Keysight
office. The complete list is available at:
www.keysight.com/find/contactus
Americas
Canada
(877) 894 4414
Brazil
55 11 33 51 7010
Mexico
001 800 254 2440
United States
(800) 829 4444
Asia Pacific
Australia
1 800 629 485
China
800 810 0189
Hong Kong
800 938 693
India
1 800 112 929
Japan
0120 (421) 345
Korea
080 769 0800
Malaysia
1 800 888 848
Singapore
1 800 375 8100
Taiwan
0800 047 866
Other AP Countries (65) 375 8100
Europe & Middle East
Belgium
32 (0) 2 404 93 40
Denmark
45 45 80 12 15
Finland
358 (0) 10 855 2100
France
0825 010 700*
*0.125 €/minute
Germany
49 (0) 7031 464 6333
Ireland
1890 924 204
Israel
972-3-9288-504/544
Italy
39 02 92 60 8484
Netherlands
31 (0) 20 547 2111
Spain
34 (91) 631 3300
Sweden
0200-88 22 55
United Kingdom
44 (0) 118 927 6201
For other unlisted countries:
www.keysight.com/find/contactus
(BP-04-23-14)
Keysight | PXI RF Switch Modules DC to 3 GHz
This information is subject to change without notice.
© Keysight Technologies 2010 - 2014
Published in USA, July 31, 2014
5990-6585EN
www.keysight.com


Similar Part No. - M9153A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9153A KEYSIGHT-M9153A Datasheet
7Mb / 27P
   PXI RF Switch Modules
More results

Similar Description - M9153A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9149A KEYSIGHT-M9149A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9147A KEYSIGHT-M9147A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9146A KEYSIGHT-M9146A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9151A KEYSIGHT-M9151A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9150A KEYSIGHT-M9150A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9152A KEYSIGHT-M9152A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9128A KEYSIGHT-M9128A_18 Datasheet
7Mb / 27P
   PXI RF Switch Modules
M9156CH40 KEYSIGHT-M9156CH40 Datasheet
667Kb / 2P
   DC to 26.5/40 GHz PXI Hybrid Switch Modules
M9128A KEYSIGHT-M9128A Datasheet
8Mb / 27P
   Technologies PXI RF Switch Modules
M9156C KEYSIGHT-M9156C Datasheet
2Mb / 10P
   PXI Hybrid Switch Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com