Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9149A Datasheet(PDF) 3 Page - Keysight Technologies

Part # M9149A
Description  PXI RF Switch Modules DC to 3 GHz
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9149A Datasheet(HTML) 3 Page - Keysight Technologies

  M9149A Datasheet HTML 1Page - Keysight Technologies M9149A Datasheet HTML 2Page - Keysight Technologies M9149A Datasheet HTML 3Page - Keysight Technologies M9149A Datasheet HTML 4Page - Keysight Technologies M9149A Datasheet HTML 5Page - Keysight Technologies M9149A Datasheet HTML 6Page - Keysight Technologies M9149A Datasheet HTML 7Page - Keysight Technologies M9149A Datasheet HTML 8Page - Keysight Technologies M9149A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
03 Keysight PXI RF Switch Modules DC to 3 GHz
Easy sEtup ... tEst ... and maintEnancE
Hardware platform
Compliance
The RF switch modules are PXI compliant with a J1 connec-
tor and can be used in PXI chassis with cPCI (J1), PXI-1 (J1
only), or PXIe hybrid slot connectors.
The PXI format offers high performance in a small, rug-
ged package. It is an ideal deployment platform for many
automated test systems. In addition, a wide array of
complementary PXI products are currently available, such as
multimeters, waveform generators, local oscillators, digitizers,
and switches.
Software platform
IO libraries suite
The Keysight IO libraries Suite offers a single entry point
for connection to the most common instruments including
AXIe, PXI, GPIB, USB, Ethernet/LAN, RS-232 and VXI test
instruments from Keysight and other vendors. It automatically
discovers interfaces, chassis and instruments. The graphical
user interface allows you to search for, verify and update IVI
instrument and soft front panel drivers. The IO libraries Suite
safely installs in side-by-side mode with NI IO software.
Drivers
Keysight provides instrument drivers that work with your
choice of software, saving time and preserving software and
hardware investments. Keysight modular instruments come
with IVI-COM, IVI-C, and LabVIEW software drivers that work
in the most popular test and measurement development
environments including LabVIEW, MATLAB, LabWindows/
CVI, Visual Studio C, C++, C#, VEE, and Visual Basic.
With a broad selection of drivers already included, any
Keysight PXI RF switch can be swapped out, replaced, or
upgraded with the latest version, requiring only minimal
software adjustments.
Easy software integration
In addition, application code examples are included for
LabVIEW, LabWindows/CVI, Visual Studio C, C++, C#, Visual
Basic, and MATLAB, providing RF switch set-up and basic
functionality. These application code examples are easily
modified to quickly integrate the switch module into
your measurement system.
Software applications
Keysight soft front panels provide easy-to-use instrument
communications. The PXI RF switch graphical user interface
guides developers through module setup so users can quickly
configure the switch parameters. More sophisticated func-
tions are also available through the wide selection of instru-
ment program interfaces.
Figure 1. RF switch soft front panel


Similar Part No. - M9149A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9149A KEYSIGHT-M9149A Datasheet
7Mb / 27P
   PXI RF Switch Modules
More results

Similar Description - M9149A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9147A KEYSIGHT-M9147A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9153A KEYSIGHT-M9153A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9146A KEYSIGHT-M9146A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9151A KEYSIGHT-M9151A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9150A KEYSIGHT-M9150A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9152A KEYSIGHT-M9152A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9128A KEYSIGHT-M9128A_18 Datasheet
7Mb / 27P
   PXI RF Switch Modules
M9156CH40 KEYSIGHT-M9156CH40 Datasheet
667Kb / 2P
   DC to 26.5/40 GHz PXI Hybrid Switch Modules
M9128A KEYSIGHT-M9128A Datasheet
8Mb / 27P
   Technologies PXI RF Switch Modules
M9156C KEYSIGHT-M9156C Datasheet
2Mb / 10P
   PXI Hybrid Switch Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com