Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD1-2403S10A3 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RD1-2403S10A3
Description  DC/DC-Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD1-2403S10A3 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RD1-2403S10A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RD1-2403S10A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RD1-2403S10A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RD1-2403S10A3 Datasheet HTML 4Page - RSG Electronic Components GmbH RD1-2403S10A3 Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (5)
MODEL NUMBER
INPUT
INPUTCurrent
OUTPUT
OUTPUTCurrent
Voltage Range
No-Load
Full Load
Voltage
Full load
EFFICIENCY
Capacitor
(Vdc)
(mA)
(mA)
(Vdc)
(mA)
@FL(%)
Load(uF)
RD1-0303S10AX
3.3
25
410
3.3
303
74
220
RD1-0305S10AX
3.3
25
394
5
200
77
220
RD1-0307S10AX
3.3
30
404
7.2
139
75
220
RD1-0309S10AX
3.3
30
399
9
111
76
220
RD1-0312S10AX
3.3
45
485
12
100
75
220
RD1-0315S10AX
3.3
25
384
15
67
79
220
RD1-0318S10AX
3.3
35
399
18
56
76
220
RD1-0324S10AX
3.3
90
485
24
50
75
220
RD1-0503S10AX
5
16
256
3.3
303
78
220
RD1-0505S10AX
5
15
253
5
200
79
220
RD1-0507S10AX
5
16
241
7.2
139
83
220
RD1-0509S10AX
5
25
253
9
111
79
220
RD1-0512S10AX
5
25
296
12
100
81
220
RD1-0515S10AX
5
25
244
15
67
82
220
RD1-0518S10AX
5
25
241
18
56
83
220
RD1-0524S10AX
5
28
293
24
50
82
220
RD1-1203S10AX
12
15
108
3.3
303
77
220
RD1-1205S10AX
12
16
105
5
200
79
220
RD1-1207S10AX
12
16
100
7.2
139
83
220
RD1-1209S10AX
12
15
105
9
111
79
220
RD1-1212S10AX
12
8
125
12
100
80
220
RD1-1215S10AX
12
17
105
15
67
79
220
RD1-1218S10AX
12
15
103
18
56
81
220
RD1-1224S10AX
12
25
127
24
50
79
220
RD1-1503S10AX
15
15
89
3.3
303
75
220
RD1-1505S10AX
15
10
83
5
200
80
220
RD1-1507S10AX
15
12
88
7.2
139
76
220
RD1-1509S10AX
15
10
85
9
111
78
220
RD1-1512S10AX
15
13
98
12
100
82
220
RD1-1515S10AX
15
15
83
15
67
80
220
RD1-1518S10AX
15
12
85
18
56
78
220
RD1-1524S10AX
15
10
99
24
50
81
220
RD1-2403S10AX
24
8
53
3.3
303
79
220
RD1-2405S10AX
24
8
53
5
200
79
220
RD1-2407S10AX
24
10
56
7.2
139
74
220
RD1-2409S10AX
24
7
53
9
111
79
220
RD1-2412S10AX
24
8
63
12
100
80
220
RD1-2415S10AX
24
8
52
15
67
80
220
RD1-2418S10AX
24
8
51
18
56
82
220
RD1-2424S10AX
24
9
61
24
50
82
220
Suffix “3” means 3 KVdc isolation
MODEL SELECTION GUIDE
DC/DC-Converter
1.0W unregulated
Single Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RD1-2403S10A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD1-2403S15A1 RSG-RD1-2403S15A1 Datasheet
772Kb / 4P
   DC/DC-Converter
RD1-2403S15A3 RSG-RD1-2403S15A3 Datasheet
772Kb / 4P
   DC/DC-Converter
More results

Similar Description - RD1-2403S10A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com