Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR7-4812D05A3 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # RR7-4812D05A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR7-4812D05A3 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  RR7-4812D05A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RR7-4812D05A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RR7-4812D05A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RR7-4812D05A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 4 (4)
RR7-XXXXS02A1
31.75
(1.25)
20.32
(0.80)
0.50
(0.02)
5.08
(0.20)
15.24
(0.60)
10.16
(0.40)
3.00
(0.12)
0.50
(0.02)
22.86
(0.9)
Printed Face
2 3
11
9
3
2
2
2
14
Bottom View
16
24 Pin DIL Package
Non-Conductive Plastic
DC-DC CONVERTER
XXXX
PIN CONNECTIONS
PIN NUMBER
2
3
11
9
14
16
22
23
SINGLE
V Input
V Input
V Input
V Input
+V Output
+V Output
N.P.
Common
N.C.
V Output
V Output
Common
+V Input
+V Input
+V Input
+V Input
DUAL
For “P” Case
The Pin Connection of high isolation one is the same with normal one.
PIN CONNECTIONS
PIN NUMBER
2
3
11
9
14
16
22
23
SINGLE
V Input
V Input
V Input
V Input
V Output
+V Output
N.P.
Common
N.C.
V Output
+V Output
Common
+V Input
+V Input
+V Input
+V Input
DUAL
24 Pin DIL Package
Nickel-Coated Copper
Bottom View
31.75
(1.25)
20.32
(0.8)
22.86
(0.9)
2.54
(0.10)
DIA
0.50
(0.02)
15.24
(0.60)
Printed Face
10.16
(0.40)
3.00
(0.12)
Built-in stand- o s
help air convection
DC-DC CONVERTER
xxxx
2 3
11
16
14
23 22
9
Notes: All dimensions are typical in millimeters ( inches ).
1. Pin diameter: 0.5 ± 0.05 ( 0.02 ± 0.002 )
2. Pin pitch and length tolerance: ± 0.35 ( ±0.014 )
3. Case Tolerance: ± 0.5 (± 0.02 )
Notes: All dimensions are typical in millimeters ( inches ).
1. Pin diameter: 0.5 ± 0.05 ( 0.02 ± 0.002 )
2. Pin pitch and length tolerance: ±0.35 (± 0.014 )
3. Case Tolerance: ± 0.5 (± 0.02 )
The Pin Connection of high isolation one is the same with normal one.
MECCHANICAL SPECIFICATIONS
RR7-XXXXS05A1
RR7-XXXXS05A1P
DC/DC-Converter
5.0W 4:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
MECHANICAL SPECIFICATIONS
The models listed here are just standard type. If you need a product with special specification or you have questions regarding packing standards
(Tube oder Tape/Reel) as well as application support, please contact our specialists: sales@rsg-electronic.de or +49 69-984047-41/-28


Similar Part No. - RR7-4812D05A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR7-4812D05AX RSG-RR7-4812D05AX Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
More results

Similar Description - RR7-4812D05A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com