Electronic Components Datasheet Search |
|
RR4-2412D06A3 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH |
|
RR4-2412D06A3 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH |
3 / 4 page RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de page 3 (4) Lo Line Nominal Hi Line EFFICIENCY VS OUTPUT CURRENT 80 75 70 65 60 55 0% 20% 40% 60% Load 80% 100% 120% +Vout +Vin DC/DC Converter -Vin -Vout +Vout +Vin DC/DC Converter -Vin -Vout TEST CONFIGURATIONS Input Reflected Ripple Current Test Step Input reflected ripple current is measured through a source inductor Lin(12uH) and a source capacitor Cin(47uF, ESR<1.0Ù at 100KHz) at nominal input and full load. Output Ripple & Noise Measurement Test Use a capacitor Cout(1.0uF) measurement. The Scope measurement bandwidth is 0-20MHz. Copper Strip +Vout Lin Current Probe Cin Load Single DC/DC Converter 1uF Cout Resistive Scope Load -Vout EMI Filter Input filter components (C1, L) are used to help meet conducted emissions requirement for the module. These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise. L Load C1 12 Models C1 L 100uF, 100V 12uH The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail to : info@rsg-electronic.de NOTE 1. Ripple/Noise measured with a 1uF ceramic capacitor. 2. Test by nominal input voltage and constant resistor load. 3. Measured Input reflected ripple current with a simulated source inductance of 12uH. 4. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating. 5. Input filter components are be required to help meet conducted emission class A, which application refer to the EMI Filter of design & feature configuration. 6.An external filter capacitor is required if the module has to meet IEC 61000-4-4 and IEC 61000-4-5. The filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V. Lo Line Nominal Hi Line EFFICIENCY VS OUTPUT CURRENT 80 75 70 65 60 55 0% 20% 40% 60% Load 80% 100% 120% +Vout +Vin DC/DC Converter -Vin -Vout +Vout +Vin DC/DC Converter -Vin -Vout TEST CONFIGURATIONS Input Reflected Ripple Current Test Step Input reflected ripple current is measured through a source inductor Lin(12uH) and a source capacitor Cin(47uF, ESR<1.0Ù at 100KHz) at nominal input and full load. Output Ripple & Noise Measurement Test Use a capacitor Cout(1.0uF) measurement. The Scope measurement bandwidth is 0-20MHz. Copper Strip +Vout Lin Current Probe Cin Load Single DC/DC Converter 1uF Cout Resistive Scope Load -Vout EMI Filter Input filter components (C1, L) are used to help meet conducted emissions requirement for the module. These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise. L Load C1 12 Models C1 L 100uF, 100V 12uH The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail to : info@rsg-electronic.de NOTE 1. Ripple/Noise measured with a 1uF ceramic capacitor. 2. Test by nominal input voltage and constant resistor load. 3. Measured Input reflected ripple current with a simulated source inductance of 12uH. 4. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating. 5. Input filter components are be required to help meet conducted emission class A, which application refer to the EMI Filter of design & feature configuration. 6.An external filter capacitor is required if the module has to meet IEC 61000-4-4 and IEC 61000-4-5. The filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V. DC/DC-Converter 6.0W 2:1 Regulated Single & Dual Output we energize electronics! an acal group company we energize electronics! NOTE TEST CONFIGURATION |
Similar Part No. - RR4-2412D06A3 |
|
Similar Description - RR4-2412D06A3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |