Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2-1505D10A1M Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RS2-1505D10A1M
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS2-1505D10A1M Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RS2-1505D10A1M Datasheet HTML 1Page - RSG Electronic Components GmbH RS2-1505D10A1M Datasheet HTML 2Page - RSG Electronic Components GmbH RS2-1505D10A1M Datasheet HTML 3Page - RSG Electronic Components GmbH RS2-1505D10A1M Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
DC/DC-Converter
1.0W semi-regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
Full load
(mA)
LOAD
Regulation
%
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
RS2-0505D10AXM
5
20
230
±
5
±
100
6
84
±
100
RS2-0509D10AXM
5
30
230
±
9
±
55.55
5.5
86
±
100
RS2-0512D10AXM
5
20
228
±
12
±
41.67
5.5
87
±
47
RS2-0515D10AXM
5
20
228
±
15
±
33.33
5
87
±
47
RS2-1205D10AXM
12
15
98
±
5
±
100
4
85
±
100
RS2-1209D10AXM
12
15
95
±
9
±
55.55
3.5
86
±
100
RS2-1212D10AXM
12
15
94
±
12
±
41.67
3.5
87
±
47
RS2-1215D10AXM
12
15
94
±
15
±
33.33
3.5
87
±
47
RS2-1505D10AXM
15
10
78
±
5
±
100
3.5
85
±
100
RS2-1509D10AXM
15
10
76
±
9
±
55.55
2.5
87
±
100
RS2-1512D10AXM
15
10
76
±
12
±
41.67
2.5
87
±
47
RS2-1515D10AXM
15
10
75
±
15
±
33.33
2.5
88
±
47
RS2-2405D10AXM
24
7
51
±
5
±
100
3.5
82
±
100
RS2-2409D10AXM
24
7
49
±
9
±
55.55
2.5
85
±
100
RS2-2412D10AXM
24
7
48
±
12
±
41.67
2.5
87
±
47
RS2-2415D10AXM
24
7
48
±
15
±
33.33
2.5
87
±
47
RS2-4805D10AXM
48
5
27
±
5
±
100
3
77
±
100
RS2-4809D10AXM
48
5
26
±
9
±
55.55
3
81
±
100
RS2-4812D10AXM
48
5
26
±
12
±
41.67
3
82
±
47
RS2-4815D10AXM
48
5
26
±
15
±
33.33
2
81
±
47
RS2-0505S10AXM
5
20
250
5
200
6
83
220
RS2-0509S10AXM
5
20
230
9
111.1
5.5
86
220
RS2-0512S10AXM
5
20
230
12
83.3
5.5
87
100
RS2-0515S10AXM
5
20
230
15
66.7
5
87
100
RS2-1205S10AXM
12
15
98
5
200
4
84
220
RS2-1209S10AXM
12
15
96
9
111.1
3.5
86
220
RS2-1212S10AXM
12
15
95
12
83.3
3.5
88
100
RS2-1215S10AXM
12
15
95
15
66.7
3
88
100
RS2-1505S10AXM
15
10
79
5
200
4
84
220
RS2-1509S10AXM
15
10
77
9
111.1
3.5
86
220
RS2-1512S10AXM
15
10
76
12
83.3
3.5
87
100
RS2-1515S10AXM
15
10
76
15
66.7
3
89
100
RS2-2405S10AXM
24
7
51
5
200
4
81
220
RS2-2409S10AXM
24
7
50
9
111.1
3.5
84
220
RS2-2412S10AXM
24
7
49
12
83.3
3.5
85
100
RS2-2415S10AXM
24
7
49
15
66.7
2.5
86
100
RS2-4805S10AXM
48
5
27
5
200
4
78
220
RS2-4809S10AXM
48
5
26
9
111.1
3.5
80
220
RS2-4812S10AXM
48
5
26
12
83.3
3
81
100
RS2-4815S10AXM
48
5
26
15
66.7
3
81
100
Suffix “3” means 3 K Vdc isolation Type M = Semi regulated
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to :info@rsg-electronic.de
RS2 -
XX
XX
X
XX
Power (W)
Input
Type
A
X M
Code
internal
Isolation
(kVDC)
10=1.00
20=2.00
RS2 -
XX
XX
X
XX
Power (W)
Input
Type
A
X M
Code
internal
Isolation
(kVDC)
10=1.00
20=2.00


Similar Part No. - RS2-1505D10A1M

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS2-1505D10A1 RSG-RS2-1505D10A1 Datasheet
1Mb / 8P
   DC/DC-Converter
More results

Similar Description - RS2-1505D10A1M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com