Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR6-4824D05A3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR6-4824D05A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR6-4824D05A3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR6-4824D05A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RR6-4824D05A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RR6-4824D05A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RR6-4824D05A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
RR6 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X X
Code
internal
Isolation
(kVDC)
DC/DC-Converter
5.0W 4:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
Load (uF)
RR6-2403S05AX
9-36
18
238.3
3.3
0
1300
75
1000
RR6-2405S05AX
9-36
18
263.7
5
0
1000
79
1000
RR6-2407S05AX
9-36
18
254.1
7.2
0
694
82
470
RR6-2409S05AX
9-36
18
251.0
9
0
555
83
470
RR6-2412S05AX
9-36
18
254.1
12
0
416
82
220
RR6-2415S05AX
9-36
18
254.1
15
0
333
82
68
RR6-2424S05AX
9-36
18
254.1
24
0
208
82
68
RR6-2403D05AX
9-36
18
281.5
±
3.3
0
±
757
74
±100
RR6-2405D05AX
9-36
18
260.4
±
5
0
±
500
80
±100
RR6-2407D05AX
9-36
18
257.2
±
7.2
0
±
347
81
±100
RR6-2409D05AX
9-36
20
257.2
±
9
0
±
277
81
±100
RR6-2412D05AX
9-36
20
251.0
±
12
0
±
208
83
±68
RR6-2415D05AX
9-36
20
260.4
±
15
0
±
166
80
±
22
RR6-2424D05AX
9-36
26
263.7
±
24
0
±
104
79
±
22
RR6-4803S05AX
18-72
15
119.2
3.3
0
1300
75
1000
RR6-4805S05AX
18-72
15
130.2
5
0
1000
80
1000
RR6-4807S05AX
18-72
15
127.0
7.2
0
694
82
1000
RR6-4809S05AX
18-72
15
128.6
9
0
555
81
330
RR6-4812S05AX
18-72
15
125.5
12
0
416
83
330
RR6-4815S05AX
18-72
15
125.5
15
0
333
83
330
RR6-4824S05AX
18-72
15
128.6
24
0
208
83
47
RR6-4803D05AX
18-72
15
133.5
±
3.3
0
±
757
78
±680
RR6-4805D05AX
18-72
15
130.2
±
5
0
±
500
80
±330
RR6-4807D05AX
18-72
15
130.2
±
7.2
0
±
347
80
±100
RR6-4809D05AX
18-72
15
127.0
±
9
0
±
277
82
±100
RR6-4812D05AX
18-72
15
127.0
±
12
0
±
208
82
±100
RR6-4815D05AX
18-72
15
130.2
±
15
0
±
166
80
±47
RR6-4824D05AX
18-72
15
131.8
±
24
0
±
104
79
±22
Suffix “3” means 3.5KVdc isolation
Suffix “P” means Plastic case instead of standard Metal Case
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de


Similar Part No. - RR6-4824D05A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR6-4824D03AX RSG-RR6-4824D03AX Datasheet
143Kb / 3P
   3.0 Watt 4:1 regulated
RR6-4824D04AX RSG-RR6-4824D04AX Datasheet
745Kb / 4P
   DC/DC-Converter
RR6-4824D06A1 RSG-RR6-4824D06A1 Datasheet
700Kb / 4P
   DC/DC-Converter
RR6-4824D06A3 RSG-RR6-4824D06A3 Datasheet
700Kb / 4P
   DC/DC-Converter
More results

Similar Description - RR6-4824D05A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com