Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3-2412E20A1 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RS3-2412E20A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS3-2412E20A1 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RS3-2412E20A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RS3-2412E20A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RS3-2412E20A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RS3-2412E20A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (4)
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage(Vdc)
Output1 Output2
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Full load(mA)
Output1 Outpu
t2
RS3/RD3-0503E20AX
5
35
519
3.3 , 3.3
303 , 303
77
220
RS3/RD3-0505E20AX
5
35
512
5 , 5
200 , 200
78
220
RS3/RD3-0507E20AX
5
35
512
7.2 , 7.2
139 , 139
78
220
RS3/RD3-0509E20AX
5
35
512
9 , 9
111 , 111
78
220
RS3/RD3-0512E20AX
5
35
512
12 ,12
83 , 83
78
220
RS3/RD3-0515E20AX
5
35
506
15 ,15
67 , 67
79
220
RS3/RD3-0518E20AX
5
35
500
18 ,18
55 , 55
80
220
RS3/RD3-0524E20AX
5
35
500
24 ,24
41 , 41
80
220
RS3/RD3-1203E20AX
12
25
216
3.3 , 3.3
303 , 303
77
220
RS3/RD3-1205E20AX
12
25
216
5 , 5
200 , 200
77
220
RS3/RD3-1207E20AX
12
25
216
7.2 , 7.2
139 , 139
77
220
RS3/RD3-1209E20AX
12
25
216
9 , 9
111 , 111
77
220
RS3/RD3-1212E20AX
12
25
213
12 ,12
83 , 83
78
220
RS3/RD3-1215E20AX
12
25
213
15 ,15
67 , 67
78
220
RS3/RD3-1218E20AX
12
25
208
18 ,18
55 , 55
80
220
RS3/RD3-1224E20AX
12
25
208
24 ,24
41 , 41
80
220
RS3/RD3-2403E20AX
24
12
106
3.3 , 3.3
303 , 303
78
220
RS3/RD3-2405E20AX
24
12
106
5 , 5
200 , 200
78
220
RS3/RD3-2407E20AX
24
12
106
7.2 , 7.2
139 , 139
78
220
RS3/RD3-2409E20AX
24
12
106
9 , 9
111 , 111
78
220
RS3/RD3-2412SD/02
24
12
104
12 ,12
83 , 83
80
220
RS3/RD3-2415E20AX
24
12
104
15 ,15
67 , 67
80
220
RS3/RD3-2418E20AX
24
12
104
18 ,18
55 , 55
80
220
RS3/RD3-2424E20AX
24
12
104
24 ,24
41 , 41
80
220
Suffix “3” means
3 KVdc isolation
The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone
presented in shortform cover or e-mail to : info@rsg-electronic.de
NOTE
1.Ripple/Noise measured with 20MHz bandwidth.
2.Tested by minimal Vin and constant resistive load.
3.Measured Input reflected ripple current with a simulated source inductance of 12uH.
4.Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
5. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage(Vdc)
Output1 Output2
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Full load(mA)
Output1 Outpu
t2
RS3/RD3-0503E20AX
5
35
519
3.3 , 3.3
303 , 303
77
220
RS3/RD3-0505E20AX
5
35
512
5 , 5
200 , 200
78
220
RS3/RD3-0507E20AX
5
35
512
7.2 , 7.2
139 , 139
78
220
RS3/RD3-0509E20AX
5
35
512
9 , 9
111 , 111
78
220
RS3/RD3-0512E20AX
5
35
512
12 ,12
83 , 83
78
220
RS3/RD3-0515E20AX
5
35
506
15 ,15
67 , 67
79
220
RS3/RD3-0518E20AX
5
35
500
18 ,18
55 , 55
80
220
RS3/RD3-0524E20AX
5
35
500
24 ,24
41 , 41
80
220
RS3/RD3-1203E20AX
12
25
216
3.3 , 3.3
303 , 303
77
220
RS3/RD3-1205E20AX
12
25
216
5 , 5
200 , 200
77
220
RS3/RD3-1207E20AX
12
25
216
7.2 , 7.2
139 , 139
77
220
RS3/RD3-1209E20AX
12
25
216
9 , 9
111 , 111
77
220
RS3/RD3-1212E20AX
12
25
213
12 ,12
83 , 83
78
220
RS3/RD3-1215E20AX
12
25
213
15 ,15
67 , 67
78
220
RS3/RD3-1218E20AX
12
25
208
18 ,18
55 , 55
80
220
RS3/RD3-1224E20AX
12
25
208
24 ,24
41 , 41
80
220
RS3/RD3-2403E20AX
24
12
106
3.3 , 3.3
303 , 303
78
220
RS3/RD3-2405E20AX
24
12
106
5 , 5
200 , 200
78
220
RS3/RD3-2407E20AX
24
12
106
7.2 , 7.2
139 , 139
78
220
RS3/RD3-2409E20AX
24
12
106
9 , 9
111 , 111
78
220
RS3/RD3-2412SD/02
24
12
104
12 ,12
83 , 83
80
220
RS3/RD3-2415E20AX
24
12
104
15 ,15
67 , 67
80
220
RS3/RD3-2418E20AX
24
12
104
18 ,18
55 , 55
80
220
RS3/RD3-2424E20AX
24
12
104
24 ,24
41 , 41
80
220
Suffix “3” means
3 KVdc isolation
The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone
presented in shortform cover or e-mail to : info@rsg-electronic.de
NOTE
1.Ripple/Noise measured with 20MHz bandwidth.
2.Tested by minimal Vin and constant resistive load.
3.Measured Input reflected ripple current with a simulated source inductance of 12uH.
4.Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
5. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
DC/DC-Converter
2.0W unregulated
Dual Separate Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RS3-2412E20A1

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS3-2412D RECOM-RS3-2412D Datasheet
82Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
logo
RSG Electronic Componen...
RS3-2412D20A1 RSG-RS3-2412D20A1 Datasheet
1Mb / 7P
   DC/DC-Converter
RS3-2412D20A3 RSG-RS3-2412D20A3 Datasheet
1Mb / 7P
   DC/DC-Converter
RS3-2412D20A5 RSG-RS3-2412D20A5 Datasheet
1Mb / 7P
   DC/DC-Converter
RS3-2412D20A6 RSG-RS3-2412D20A6 Datasheet
1Mb / 7P
   DC/DC-Converter
More results

Similar Description - RS3-2412E20A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com