Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2-2412S10A1T Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RS2-2412S10A1T
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS2-2412S10A1T Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RS2-2412S10A1T Datasheet HTML 1Page - RSG Electronic Components GmbH RS2-2412S10A1T Datasheet HTML 2Page - RSG Electronic Components GmbH RS2-2412S10A1T Datasheet HTML 3Page - RSG Electronic Components GmbH RS2-2412S10A1T Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (4)
+Vout
+Vin
L
DC/DC
Converter
Load
C1
-Vin
-Vout
Copper Strip
+Vout
Single
DC/DC
Converter
0. 1uF
Cout
Scope
-Vout
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© aRS200KHz) at nominal input
and full load.
+Vout
Output Voltage Tolerance Envelope Curve
The voltage tolerance envelope shows typical load
regulation characteristics for this product series.
The tolerance envelope is the maximum output
voltage variation due to changes in output loading.
Lin
Current
Probe
Cin
+Vin
DC/DC
Converter
Load
10
7.5
-Vin
-Vout
5
2.5
Output Ripple & Noise Measurement Test
Use a capacitor Cout(0.1uF) measurement.
The Scope measurement bandwidth is 0-20MHz.
Resistive
Load
SURGE Filter
Input components (C2,D1 ) are used to help meet
surge test requirement for the module.
0
-2.5
-5
-7.5
-10
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Load (%)
( Nominal Input Voltage )
EMI Filter
Input filter components (C1, L ) are used to help
meet conducted emiS10A1Tions requirement for the
module.
These components should be mounted as close as
poS10A1Tible to the module; and all leads should be
minimized to decrease radiated noise.
+Vin
+Vout
C2
D1
DC/DC
Converter
Load
-Vin
-Vout
C1
L
RS2-05XXS10/D10AXT
1206, 4.7uF/50V
6.8uH
RS2-12XXS10/D10AXT
1206, 4.7uF/50V
6.8uH
RS2-24XXS10/D10AXT
1206, 4.7uF/50V
6.8uH
C2
D1
RS2-05XXS10/D10AXT
1000uF/35V 3.0SMCJ9.0AG
RS2-12XXS10/D10AXT
1000uF/35V
3.0SMCJ18AG
RS2-24XXS10/D10AXT
330uF/50V
3.0SMCJ28AG
DC/DC-Converter
1.0W High temperature
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RS2-2412S10A1T

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS2-2412S10A1 RSG-RS2-2412S10A1 Datasheet
1Mb / 8P
   DC/DC-Converter
RS2-2412S10A1M RSG-RS2-2412S10A1M Datasheet
934Kb / 4P
   DC/DC-Converter
More results

Similar Description - RS2-2412S10A1T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com