Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR1-1209D03A3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR1-1209D03A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR1-1209D03A3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR1-1209D03A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RR1-1209D03A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RR1-1209D03A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RR1-1209D03A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
RR1 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
INPUT Current
OUTPUT
OUTPUT Current
Voltage Range
No-Load
Full Load
Voltage
Full load
EFFICIENCY
Capacitor
(Vdc)
(mA)
(mA)
(Vdc)
(mA)
@FL(%)
Load(uF)
RR1-0503S03AX
5
62
683
3.3
600
58
470
RR1-0505S03AX
5
65
909
5
600
66
470
RR1-0507S03AX
5
65
923
7.2
417
65
470
RR1-0509S03AX
5
70
882
9
333
68
470
RR1-0512S03AX
5
60
845
12
250
71
470
RR1-0515S03AX
5
70
833
15
200
72
470
RR1-0518S03AX
5
70
857
18
167
70
470
RR1-0524S03AX
5
100
896
24
125
67
470
RR1-1203S03AX
12
30
232
3.3
600
71
470
RR1-1205S03AX
12
36
253
5
600
66
470
RR1-1207S03AX
12
32
235
7.2
417
71
470
RR1-1209S03AX
12
32
235
9
333
71
470
RR1-1212S03AX
12
37
231
12
250
72
470
RR1-1215S03AX
12
35
225
15
200
74
470
RR1-1218S03AX
12
35
222
18
167
75
470
RR1-1224S03AX
12
55
235
24
125
71
470
RR1-2403S03AX
24
10
158
3.3
700
61
470
RR1-2405S03AX
24
23
187
5
600
67
470
RR1-2407S03AX
24
25
189
7.2
417
66
470
RR1-2409S03AX
24
27
184
9
333
68
470
RR1-2412S03AX
24
30
181
12
250
69
470
RR1-2415S03AX
24
28
179
15
200
70
470
RR1-2418S03AX
24
16
169
18
167
74
470
RR1-2424S03AX
24
20
167
24
125
75
470
RR1-0503D03AX
5
15
776
±
3.3
±
400
68
±
1000
RR1-0505D03AX
5
20
845
±
5
±300
71
±470
RR1-0507D03AX
5
20
811
±
7.2
±
417
74
±
470
RR1-0509D03AX
5
25
789
±
9
±
167
76
±
470
RR1-0512D03AX
5
40
822
±
12
±
125
73
±
470
RR1-0515D03AX
5
30
811
±
15
±
100
74
±
470
RR1-0518D03AX
5
45
822
±18
±167
73
±220
Suffix “3” means 3KVdc isolation
Suffix “5” means 5.2KVdc isolation
Suffix “6” means 6KVdc isolation
Suffix “M” means Metal Case Up To 3KVdc isolation
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to :info@rsg-electronic.de
DC/DC-Converter
3.0W Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RR1-1209D03A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR1-1209D01A1 RSG-RR1-1209D01A1 Datasheet
916Kb / 4P
   DC/DC-Converter
RR1-1209D01A3 RSG-RR1-1209D01A3 Datasheet
916Kb / 4P
   DC/DC-Converter
RR1-1209D02A1 RSG-RR1-1209D02A1 Datasheet
922Kb / 4P
   DC/DC-Converter
RR1-1209D02A3 RSG-RR1-1209D02A3 Datasheet
922Kb / 4P
   DC/DC-Converter
More results

Similar Description - RR1-1209D03A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com