Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR1-2409S03A3 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RR1-2409S03A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR1-2409S03A3 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RR1-2409S03A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RR1-2409S03A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RR1-2409S03A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RR1-2409S03A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (4)
+Vin
+Vout
DC/DC
Converter
-Vin
-Vout
+Vin
+Vout
DC/DC
Converter
-Vin
-Vout
EMI Filter
Input filter components (C1,C2, L) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
L
L
Load
Load
C1
C2
C1
Single Output
Dual Output
MODEL NUMBER
INPUT
INPUT Current
OUTPUT
OUTPUT Current
Voltage Range
No-Load
Full Load
Voltage
Full load
EFFICIENCY
Capacitor
(Vdc)
(mA)
(mA)
(Vdc)
(mA)
@FL(%)
Load(uF)
RR1-0524D03AX
5
45
800
±
24
±
62.5
75
±
220
RR1-1203D03AX
12
7
306
±3.3
±400
72
±1000
RR1-1205D03AX
12
8
321
±
5
±
300
78
±
1000
RR1-1207D03AX
12
8
313
±
7.2
±
417
80
±
470
RR1-1209D03AX
12
10
313
±
9
±
167
80
±
470
RR1-1212D03AX
12
10
321
±
12
±
125
78
±
470
RR1-1215D03AX
12
15
309
±15
±100
81
±470
RR1-1218D03AX
12
15
309
±
18
±
167
81
±
220
RR1-1224D03AX
12
20
316
±
24
±
62.5
79
±
220
RR1-2403D03AX
24
5
174
±
3.3
±
455
72
±
1000
RR1-2405D03AX
24
6
158
±
5
±300
79
±470
RR1-2407D03AX
24
5
158
±7.2
±417
79
±470
RR1-2409D03AX
24
7
152
±
9
±
167
82
±
470
RR1-2412D03AX
24
8
151
±
12
±
125
83
±
470
RR1-2415D03AX
24
10
154
±
15
±
100
81
±
470
RR1-2418D03AX
24
15
156
±18
±167
80
±220
RR1-2424D03AX
24
15
154
±24
±62.5
81
±220
Suffix “3” means 3KVdc isolation
Suffix “5” means 5.2KVdc isolation Suffix “6” means 6KVdc isolation
Suffix “M” means Metal Case Up To 3KVdc isolation
1.Ripple/Noise measured with 20MHz bandwidth.
2.Tested by minimal Vin and constant resistive load.
3.Tested by normal Vin and 25% load step change ( 75%-50%-25% of Io )
4.Measured Input reflected ripple current with a simulated source inductance of 12uH.
5.Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
6.Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
7.Input filter components are be required to help meet conducted emission class A,
which application refer to the EMI Filter of design & feature configuration.
8.An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5.
The filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V.
C1
L
C2
RR1-05XXS03AX
220uF/100V
12uH
220uF/100V
RR1-12XXS03AX
220uF/100V
12uH
220uF/100V
RR1-24XXS03AX
220uF/100V
12uH
220uF/100V
SINGEL OUTPUT
C1
L
RR1-05XXD03AX
220uF/100V
12uH
RR1-12XXD03AX
220uF/100V
12uH
RR1-24XXD03AX
220uF/100V
12uH
DUAL OUTPUT
+Vin
+Vout
DC/DC
Converter
-Vin
-Vout
+Vin
+Vout
DC/DC
Converter
-Vin
-Vout
EMI Filter
Input filter components (C1,C2, L) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
L
L
Load
Load
C1
C2
C1
Single Output
Dual Output
MODEL NUMBER
INPUT
INPUT Current
OUTPUT
OUTPUT Current
Voltage Range
No-Load
Full Load
Voltage
Full load
EFFICIENCY
Capacitor
(Vdc)
(mA)
(mA)
(Vdc)
(mA)
@FL(%)
Load(uF)
RR1-0524D03AX
5
45
800
±
24
±
62.5
75
±
220
RR1-1203D03AX
12
7
306
±3.3
±400
72
±1000
RR1-1205D03AX
12
8
321
±
5
±
300
78
±
1000
RR1-1207D03AX
12
8
313
±
7.2
±
417
80
±
470
RR1-1209D03AX
12
10
313
±
9
±
167
80
±
470
RR1-1212D03AX
12
10
321
±
12
±
125
78
±
470
RR1-1215D03AX
12
15
309
±15
±100
81
±470
RR1-1218D03AX
12
15
309
±
18
±
167
81
±
220
RR1-1224D03AX
12
20
316
±
24
±
62.5
79
±
220
RR1-2403D03AX
24
5
174
±
3.3
±
455
72
±
1000
RR1-2405D03AX
24
6
158
±
5
±300
79
±470
RR1-2407D03AX
24
5
158
±7.2
±417
79
±470
RR1-2409D03AX
24
7
152
±
9
±
167
82
±
470
RR1-2412D03AX
24
8
151
±
12
±
125
83
±
470
RR1-2415D03AX
24
10
154
±
15
±
100
81
±
470
RR1-2418D03AX
24
15
156
±18
±167
80
±220
RR1-2424D03AX
24
15
154
±24
±62.5
81
±220
Suffix “3” means 3KVdc isolation
Suffix “5” means 5.2KVdc isolation Suffix “6” means 6KVdc isolation
Suffix “M” means Metal Case Up To 3KVdc isolation
1.Ripple/Noise measured with 20MHz bandwidth.
2.Tested by minimal Vin and constant resistive load.
3.Tested by normal Vin and 25% load step change ( 75%-50%-25% of Io )
4.Measured Input reflected ripple current with a simulated source inductance of 12uH.
5.Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
6.Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
7.Input filter components are be required to help meet conducted emission class A,
which application refer to the EMI Filter of design & feature configuration.
8.An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5.
The filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V.
C1
L
C2
RR1-05XXS03AX
220uF/100V
12uH
220uF/100V
RR1-12XXS03AX
220uF/100V
12uH
220uF/100V
RR1-24XXS03AX
220uF/100V
12uH
220uF/100V
SINGEL OUTPUT
C1
L
RR1-05XXD03AX
220uF/100V
12uH
RR1-12XXD03AX
220uF/100V
12uH
RR1-24XXD03AX
220uF/100V
12uH
DUAL OUTPUT
DC/DC-Converter
3.0W Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RR1-2409S03A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR1-2409S01A1 RSG-RR1-2409S01A1 Datasheet
916Kb / 4P
   DC/DC-Converter
RR1-2409S01A3 RSG-RR1-2409S01A3 Datasheet
916Kb / 4P
   DC/DC-Converter
RR1-2409S02A1 RSG-RR1-2409S02A1 Datasheet
922Kb / 4P
   DC/DC-Converter
RR1-2409S02A3 RSG-RR1-2409S02A3 Datasheet
922Kb / 4P
   DC/DC-Converter
More results

Similar Description - RR1-2409S03A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com