Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR4-1205S03A3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR4-1205S03A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR4-1205S03A3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR4-1205S03A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RR4-1205S03A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RR4-1205S03A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RR4-1205S03A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
RR4 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RR4-1203S03AX
9-18
22
343
3.3
0
900
72
470
RR4-1205S03AX
9-18
22
328
5
0
600
76
470
RR4-1209S03AX
9-18
22
320
9
0
333
78
68
RR4-1212S03AX
9-18
22
312
12
0
250
80
47
RR4-1215S03AX
9-18
22
312
15
0
200
80
47
RR4-1224S03AX
9-18
22
313
24
0
125
80
22
RR4-1203D03AX
9-18
22
343
±
3.3
0
±450
72
±220
RR4-1205D03AX
9-18
22
328
±
5
0
±300
76
±220
RR4-1209D03AX
9-18
22
312
±
9
0
±167
80
±33
RR4-1212D03AX
9-18
22
312
±
12
0
±125
80
±22
RR4-1215D03AX
9-18
22
312
±
15
0
±100
80
±22
RR4-1224D03AX
9-18
22
313
±
24
0
±63
80
±10
RR4-2403S03AX
18-36
12
171
3.3
0
900
72
470
RR4-2405S03AX
18-36
12
164
5
0
600
76
470
RR4-2409S03AX
18-36
12
160
9
0
333
78
68
RR4-2412S03AX
18-36
12
156
12
0
250
80
47
RR4-2415S03AX
18-36
12
152
15
0
200
82
47
RR4-2424S03AX
18-36
12
153
24
0
125
82
22
RR4-2403D03AX
18-36
12
171
±
3.3
0
±450
72
±220
RR4-2405D03AX
18-36
12
160
±
5
0
±300
78
±220
RR4-2409D03AX
18-36
12
156
±
9
0
±167
80
±33
RR4-2412D03AX
18-36
12
152
±
12
0
±125
82
±22
RR4-2415D03AX
18-36
12
152
±
15
0
±100
82
±22
RR4-2424D03AX
18-36
12
153
±
24
0
±63
82
±10
RR4-4803S03AX
36-72
8
86
3.3
0
900
72
470
RR4-4805S03AX
36-72
8
82
5
0
600
76
470
RR4-4809S03AX
36-72
8
80
9
0
333
78
68
RR4-4812S03AX
36-72
8
78
12
0
250
80
47
RR4-4815S03AX
36-72
8
78
15
0
200
80
47
RR4-4824S03AX
36-72
8
78
24
0
125
80
22
RR4-4803D03AX
36-72
8
86
±
3.3
0
±450
72
±220
RR4-4805D03AX
36-72
8
82
±
5
0
±300
76
±220
RR4-4809D03AX
36-72
8
80
±
9
0
±167
78
±33
RR4-4812D03AX
36-72
8
78
±
12
0
±125
80
±22
RR4-4815D03AX
36-72
8
78
±
15
0
±100
80
±22
RR4-4824D03AX
36-72
8
78
±
24
0
±63
80
±10
Suffix “3” means 3.5KVdc isolation
Suffix “P” means Plastic case instead of standard Metal Case
DC/DC-Converter
3.0W 2:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RR4-1205S03A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-1205S03AX RSG-RR4-1205S03AX Datasheet
153Kb / 3P
   3 Watt 2:1 regulated
More results

Similar Description - RR4-1205S03A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com