Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR1-0524D02A1 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR1-0524D02A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR1-0524D02A1 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR1-0524D02A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RR1-0524D02A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RR1-0524D02A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RR1-0524D02A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
RR1 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Full l oad
(mA)
RR1-0503S02AX
5
65
569
3.3
500
58
330
RR1-0505S02AX
5
42
588
5
400
68
330
RR1-0507S02AX
5
50
588
7.2
278
68
330
RR1-0509S02AX
5
55
571
9
222
70
330
RR1-0512S02AX
5
52
563
12
167
71
330
RR1-0515S02AX
5
55
588
15
133
68
330
RR1-0518S02AX
5
55
597
18
111
67
330
RR1-0524S02AX
5
95
606
24
83.3
66
330
RR1-1203S02AX
12
35
225
3.3
500
61
330
RR1-1205S02AX
12
20
256
5
400
65
330
RR1-1207S02AX
12
25
256
7.2
278
65
330
RR1-1209S02AX
12
31
238
9
222
70
330
RR1-1212S02AX
12
30
231
12
167
72
330
RR1-1215S02AX
12
35
238
15
133
70
330
RR1-1218S02AX
12
40
238
18
111
70
330
RR1-1224S02AX
12
40
235
24
83.3
71
330
RR1-2403S02AX
24
15
139
3.3
600
60
330
RR1-2405S02AX
24
15
121
5
400
69
330
RR1-2407S02AX
24
20
126
7.2
278
66
330
RR1-2409S02AX
24
25
128
9
222
65
330
RR1-2412S02AX
24
20
121
12
167
69
330
RR1-2415S02AX
24
20
121
15
133
69
330
RR1-2418S02AX
24
20
121
18
111
69
330
RR1-2424S02AX
24
20
116
24
83.3
72
330
RR1-0503D02AX
5
13
606
±
3.3
±
300
66
±
1000
RR1-0505D02AX
5
15
548
±
5
±
200
73
±
470
RR1-0507D02AX
5
20
548
±
7.2
±
278
73
±
470
RR1-0509D02AX
5
60
526
±
9
±
111
76
±
470
RR1-0512D02AX
5
20
563
±
12
±
83.3
71
±
470
RR1-0515D02AX
5
25
556
±
15
±
67
72
±
470
RR1-0518 D02AX
5
42
556
±
18
±
111
72
±
220
Suffix “3” means 3KVdc isolation
Suffix “5” means 5.2KVdc isolation
Suffix “6” means 6KVdc isolation
Suffix “M” means Metal Case Up To 3KVdc isolation
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
DC/DC-Converter
2.0WRegulated
Single&DualOutput
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RR1-0524D02A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR1-0524D01A1 RSG-RR1-0524D01A1 Datasheet
916Kb / 4P
   DC/DC-Converter
RR1-0524D01A3 RSG-RR1-0524D01A3 Datasheet
916Kb / 4P
   DC/DC-Converter
RR1-0524D03A1 RSG-RR1-0524D03A1 Datasheet
939Kb / 4P
   DC/DC-Converter
RR1-0524D03A3 RSG-RR1-0524D03A3 Datasheet
939Kb / 4P
   DC/DC-Converter
More results

Similar Description - RR1-0524D02A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com