Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR1-2412D01A1 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR1-2412D01A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR1-2412D01A1 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR1-2412D01A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RR1-2412D01A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RR1-2412D01A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RR1-2412D01A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
RR1 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Full l oad
(mA)
RR1-0503S01AX
5
50
426
3.3
400
62
220
RR1-0505S01AX
5
42
448
5
300
67
220
RR1-0507S01AX
5
50
462
7.2
208
65
220
RR1-0509S01AX
5
65
462
9
167
65
220
RR1-0512S01AX
5
50
429
12
125
70
220
RR1-0515S01AX
5
65
441
15
100
68
220
RR1-0518S01AX
5
60
448
18
83
67
220
RR1-0524S01AX
5
60
448
24
63
67
220
RR1-1203S01AX
12
50
177
3.3
400
62
220
RR1-1205S01AX
12
25
187
5
300
67
220
RR1-1207S01AX
12
50
189
7.2
208
66
220
RR1-1209S01AX
12
40
192
9
167
65
220
RR1-1212S01AX
12
26
179
12
125
70
220
RR1-1215S01AX
12
40
195
15
100
64
220
RR1-1218S01AX
12
45
198
18
83
63
220
RR1-1224S01AX
12
40
202
24
63
62
220
RR1-2403S01AX
24
35
104
3.3
400
53
220
RR1-2405S01AX
24
20
98
5
300
64
220
RR1-2407S01AX
24
35
98
7.2
208
64
220
RR1-2409S01AX
24
35
98
9
167
64
220
RR1-2412S01AX
24
16
93
12
125
67
220
RR1-2415S01AX
24
40
95
15
100
66
220
RR1-2418S01AX
24
40
96
18
83
65
220
RR1-2424S01AX
24
40
96
24
63
65
220
RR1-0503D01AX
5
15
377
±
3.3
±
200
70
±
1000
RR1-0505D01AX
5
40
417
±
5
±
150
72
±
470
RR1-0507D01AX
5
35
429
±
7.2
±
208
70
±
470
RR1-0509D01AX
5
20
429
±
9
±
83
70
±
470
RR1-0512D01AX
5
25
423
±
12
±
63
71
±
470
RR1-0515D01AX
5
30
423
±
15
±
50
71
±
470
RR1-0518 D01AX
5
30
429
±
18
±
83
70
±
220
Suffix “3” means 3KVdc isolation
Suffix “5” means 5.2KVdc isolation
Suffix “6” means 6KVdc isolation
Suffix “M” means Metal Case Up To 3KVdc isolation
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
DC/DC-Converter
1.5W Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RR1-2412D01A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR1-2412D02A1 RSG-RR1-2412D02A1 Datasheet
922Kb / 4P
   DC/DC-Converter
RR1-2412D02A3 RSG-RR1-2412D02A3 Datasheet
922Kb / 4P
   DC/DC-Converter
RR1-2412D03A1 RSG-RR1-2412D03A1 Datasheet
939Kb / 4P
   DC/DC-Converter
RR1-2412D03A3 RSG-RR1-2412D03A3 Datasheet
939Kb / 4P
   DC/DC-Converter
More results

Similar Description - RR1-2412D01A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com