Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZL4747A Datasheet(PDF) 1 Page - Dc Components

Part # DZL4747A
Description  RECTIFIER SPECIALISTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

DZL4747A Datasheet(HTML) 1 Page - Dc Components

  DZL4747A Datasheet HTML 1Page - Dc Components DZL4747A Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
VOLTAGE RANGE - 3.3 to 330 Volts
POWER - 1.0 Watt
DZL4728A
THRU
DZL1330A
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
FEATURES
* Voltage Range: 3.3V to 330V
* Low leakage
* Low inductance
* High peak reverse power disspation
* Glass passivated junction
* Build-in strain relief
NOTES : 1. Mounted with 1.0” x 1.0” (2.54 x 2.54 cm) copper areas pads.
Dimensions in inches and (millimeters)
MECHANICAL DATA
* Case: Molded Plastic
* Terminals:Solder plated, solderable per
MIL-STD-705, Method 2026
* Polarity: As marked
* Mounting position: Any
* Weight: 0.017 gram Approx.
SYMBOL
VALUE
UNITS
Maximum Power Dissipation @TL=75oC (Note 1)
Ptot
1.0
W
Maximum forward voltage at IF=200mA
VF
1.2
Volts
Maximum Thermal Resistance Junction to Ambient Air
R
θJA
55
o
C/W
Junction Temperature Range
TJ
-55 to +150
o
C
Storage Temperature Range
TSTG
-55 to +150
o
C
Fig. 2
TYPICAL THERMAL RESISTANCE
VERSUS LEAD LENGTH
PULSE DURATION, (sec)
150
125
100
75
50
25
0.01
0.1
1.0
10
100
175
Fig. 1
POWER TEMPERATURE
DERATING CURVE
0
50
100
150
AMBIENT TEMPERATURE, Ta(oC)
www.dccomponents.com
1
1
1.2
0.8
0.6
0.4
0.2
SOD-123FL
.047(1.2)
.031(0.8)
.154(3.9)
.138(3.5)
.114(2.9)
.098(2.5)
.043(1.1)
.020(0.5)
.039(1.0)
.024(0.6)
.008(0.2)
.004(0.1)
.075(1.9)
.063(1.6)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.


Similar Part No. - DZL4747A

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
DZL4747 JUXING-DZL4747 Datasheet
1Mb / 2P
   Glass Passivated Zener
logo
Shenzhen Luguang Electr...
DZL4747 LUGUANG-DZL4747 Datasheet
998Kb / 2P
   Glass Passivated Zener
More results

Similar Description - DZL4747A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com