Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR4-4805S03A1 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # RR4-4805S03A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR4-4805S03A1 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  RR4-4805S03A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RR4-4805S03A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RR4-4805S03A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RR4-4805S03A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 4 (4)
MECHANICAL SPECIFICATIONS
PIN CONNECTIONS
PIN NUMBER
2
3
11
9
14
16
22
23
SINGLE
V Input
V Input
V Input
V Input
+V Output
+V Output
N.P.
Common
N.C.
V Output
V Output
Common
+V Input
+V Input
+V Input
+V Input
DUAL
The Pin Connection of high isolation one is the same with normal one.
MECHANICAL SPECIFICATIONS
31.75
(1.25)
20.32
(0.80)
10.16
(0.40)
3.00
(0.12)
Printed Face
24 Pin DIL Package
Non-Conductive Plastic
DC-DC CONVERTER
xxxx
PIN CONNECTIONS
PIN NUMBER
2
3
11
9
14
16
22
23
SINGLE
V Input
V Input
V Input
V Input
+V Output
+V Output
N.P.
Common
N.C.
V Output
V Output
Common
+V Input
+V Input
+V Input
+V Input
DUAL
The Pin Connection of high isolation one is the same with normal one.
For “P” Case
Notes: All dimensions are typical in millimeters ( inches ).
1. Pin diameter: 0.5
±0.05 ( 0.02 ±0.002 )
2. Pin pitch and length tolerance:
±0.35 ( ±0.014 )
3. Case Tolerance:
±0.5 ( ±0.02 )
5.08
(0.20)
15.24
(0.60)
0.50
(0.02)
22.86
(0.9)
3
2
11
9
3
2
2
2
14
Bottom View
16
0.50
(0.02)
24 Pin DIL Package
Nickel-Coated Copper
Bottom View
31.75
(1.25)
20.32
(0.8)
22.86
(0.9)
2.54
(0.10)
DIA
0.50
(0.02)
15.24
(0.60)
Printed Face
10.16
(0.40)
3.00
(0.12)
Built-in stand -o s
help air convection
DC-DC CONVERTER
xxxx
2 3
11
16
14
23 22
9
Notes: All dimensions are typical in millimeters ( inches ).
1. Pin diameter: 0.5
±0.05 ( 0.02 ±0.002 )
2. Pin pitch and length tolerance:
±0.35 ( ±0.014 )
3. Case Tolerance:
±0.5 ( ±0.02 )
RR4-XXXXS03A1
RR4-XXXXS03A1P
MECHANICAL SPECIFICATIONS
PIN CONNECTIONS
PIN NUMBER
2
3
11
9
14
16
22
23
SINGLE
V Input
V Input
V Input
V Input
+V Output
+V Output
N.P.
Common
N.C.
V Output
V Output
Common
+V Input
+V Input
+V Input
+V Input
DUAL
The Pin Connection of high isolation one is the same with normal one.
MECHANICAL SPECIFICATIONS
31.75
(1.25)
20.32
(0.80)
10.16
(0.40)
3.00
(0.12)
Printed Face
24 Pin DIL Package
Non-Conductive Plastic
DC-DC CONVERTER
xxxx
PIN CONNECTIONS
PIN NUMBER
2
3
11
9
14
16
22
23
SINGLE
V Input
V Input
V Input
V Input
+V Output
+V Output
N.P.
Common
N.C.
V Output
V Output
Common
+V Input
+V Input
+V Input
+V Input
DUAL
The Pin Connection of high isolation one is the same with normal one.
For “P” Case
Notes: All dimensions are typical in millimeters ( inches ).
1. Pin diameter: 0.5
±0.05 ( 0.02 ±0.002 )
2. Pin pitch and length tolerance:
±0.35 ( ±0.014 )
3. Case Tolerance:
±0.5 ( ±0.02 )
5.08
(0.20)
15.24
(0.60)
0.50
(0.02)
22.86
(0.9)
3
2
11
9
3
2
2
2
14
Bottom View
16
0.50
(0.02)
24 Pin DIL Package
Nickel-Coated Copper
Bottom View
31.75
(1.25)
20.32
(0.8)
22.86
(0.9)
2.54
(0.10)
DIA
0.50
(0.02)
15.24
(0.60)
Printed Face
10.16
(0.40)
3.00
(0.12)
Built-in stand -o s
help air convection
DC-DC CONVERTER
xxxx
2 3
11
16
14
23 22
9
Notes: All dimensions are typical in millimeters ( inches ).
1. Pin diameter: 0.5
±0.05 ( 0.02 ±0.002 )
2. Pin pitch and length tolerance:
±0.35 ( ±0.014 )
3. Case Tolerance:
±0.5 ( ±0.02 )
RR4-XXXXS03A1
RR4-XXXXS03A1P
DC/DC-Converter
3.0W 2:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
MECHANICAL SPECIFICATIONS
MECHANICAL SPECIFICATIONS
The models listed here are just standard type. If you need a product with special specification or you have questions regarding packing standards
(Tube oder Tape/Reel) as well as application support, please contact our specialists: sales@rsg-electronic.de or +49 69-984047-41/-28


Similar Part No. - RR4-4805S03A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-4805S03AX RSG-RR4-4805S03AX Datasheet
153Kb / 3P
   3 Watt 2:1 regulated
More results

Similar Description - RR4-4805S03A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com