Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD1-1205D10AX Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RD1-1205D10AX
Description  DC/DC-Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD1-1205D10AX Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RD1-1205D10AX Datasheet HTML 1Page - RSG Electronic Components GmbH RD1-1205D10AX Datasheet HTML 2Page - RSG Electronic Components GmbH RD1-1205D10AX Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (3)
RD1 -
XX
XX
D
10
Power (W)
Input
03=3.3V
Type
A
X
Code
internal
Isolation
(kVDC)
RD1 -
XX
XX
D
10
Power (W)
Input
03=3.3V
Type
A
X
Code
internal
Isolation
(kVDC)
DC/DC-Converter
1.0W Unregulated
Dual Output
we energize electronics!
an acal group company
we energize electronics!
RoHS
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
INPUTCurrent
OUTPUT
OUTPUTCurrent
Voltage Range
No-Load
Full Load
Voltage
Full load
EFFICIENCY
Capacitor
(Vdc)
(mA)
(mA)
(Vdc)
(mA)
@FL(%)
Load(uF)
RD1-0303D10AX
3.3
30
489
±
3.3
±
152
62
±
100
RD1-0305D10AX
3.3
35
481
±
5
±
100
63
±
100
RD1-0307D10AX
3.3
30
481
±
7.2
±
69
63
±
100
RD1-0309D10AX
3.3
30
466
±
9
±
56
65
±
100
RD1-0312D10AX
3.3
32
543
±
12
±
50
67
±
100
RD1-0315D10AX
3.3
32
452
±
15
±
33
67
±
100
RD1-0318D10AX
3.3
32
439
±
18
±
28
69
±
100
RD1-0324D10AX
3.3
32
439
±
24
±
25
69
±
100
RD1-0503D10AX
5
15
299
±
3.3
±
152
67
±
100
RD1-0505D10AX
5
20
270
±
5
±
100
74
±
100
RD1-0507D10AX
5
15
260
±
7.2
±
69
77
±
100
RD1-0509D10AX
5
20
260
±
9
±
56
77
±
100
RD1-0512D10AX
5
22
300
±
12
±
50
80
±
100
RD1-0515D10AX
5
20
247
±
15
±
33
81
±
100
RD1-0518D10AX
5
22
244
±
18
±
28
82
±
100
RD1-0524D10AX
5
20
300
±
24
±
25
85
±
100
RD1-1203D10AX
12
10
121
±
3.3
±
152
69
±
100
RD1-1205D10AX
12
7
110
±
5
±
100
76
±
100
RD1-1207D10AX
12
15
109
±
7.2
±
69
76
±
100
RD1-1209D10AX
12
15
109
±
9
±
56
78
±
100
RD1-1212D10AX
12
12
123
±
12
±
50
81
±
100
RD1-1215D10AX
12
10
102
±
15
±
33
82
±
100
RD1-1218D10AX
12
15
103
±
18
±
28
81
±
100
RD1-1224D10AX
12
20
125
±
24
±
25
80
±
100
RD1-1503D10AX
15
10
93
±
3.3
±
152
72
±
100
RD1-1505D10AX
15
10
89
±
5
±
100
75
±
100
RD1-1507D10AX
15
15
89
±
7.2
±
69
75
±
100
RD1-1509D10AX
15
15
87
±
9
±
56
77
±
100
RD1-1512D10AX
15
5
103
±
12
±
50
78
±
100
RD1-1515D10AX
15
5
80
±
15
±
33
83
±
100
RD1-1518D10AX
15
10
85
±
18
±
28
78
±
100
RD1-1524D10AX
15
10
103
±
24
±
25
78
±
100
RD1-2403D10AX
24
5
60
±
3.3
±
152
70
±
100
RD1-2405D10AX
24
6
56
±
5
±
100
74
±
100
RD1-2407D10AX
24
6
55
±
7.2
±
69
76
±
100
RD1-2409D10AX
24
7
56
±
9
±
56
75
±
100
RD1-2412D10AX
24
5
62
±
12
±
50
81
±
100
RD1-2415D10AX
24
5
51
±
15
±
33
81
±
100
RD1-2418D10AX
24
7
53
±
18
±
28
78
±
100
RD1-2424D10AX
24
7
64
±
24
±
25
78
±
100
Suffix “3” means 3KVdc Isolation Voltage
The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone
presented in shortform cover or e-mail to : info@rsg-electronic.de


Similar Part No. - RD1-1205D10AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD1-1205S02AX RSG-RD1-1205S02AX Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-1205S05A1 RSG-RD1-1205S05A1 Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-1205S05A3 RSG-RD1-1205S05A3 Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-1205S05AX RSG-RD1-1205S05AX Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-1205S10A1 RSG-RD1-1205S10A1 Datasheet
1Mb / 5P
   DC/DC-Converter
More results

Similar Description - RD1-1205D10AX

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com