Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR2-1212S02A1 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RR2-1212S02A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR2-1212S02A1 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RR2-1212S02A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RR2-1212S02A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RR2-1212S02A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RR2-1212S02A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (4)
TEST CONFIGURATIONS
E
Suffix “3” means 3.5KVdc isolation
Suffix “M” means Metal Case instead of standard Plastic case
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to :info@rsg-electronic.de
NOTE
1. Typical value at nominal input voltage and full load.
2. Test by nominal input voltage and constant resistor load.
3. Measured Input reflected ripple current with a simulated source inductance of 12uH.
4. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
5. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
6. It’s necessary to add minimum capacitor in output for some models, please check single model datasheet for detail value.
7. Input filter components are be required to help meet conducted emission class A, which application refer to the EMI Filter of
design & feature configuration.
8. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5. The
filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V.
C1
L
C2
RR2-05XXS/D02AX
220uF/100V
12uH
RR2-12XXS/D02AX
220uF/100V
12uH
RR2-24XXS/D02AX
220uF/100V
12uH
MLCC470pF
RR2-48XXS/D02AX
220uF/100V
12uH
MLCC470pF
EMI FILTER
Input Filter Components (C1,C2,L) are used to help meet conducted
emissions requirement for the module.
These Components should be mounted as close as possible to the
module, and all leads should be minimized to decrease radiated noise.
TEST CONFIGURATIONS
E
Suffix “3” means 3.5KVdc isolation
Suffix “M” means Metal Case instead of standard Plastic case
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to :info@rsg-electronic.de
NOTE
1. Typical value at nominal input voltage and full load.
2. Test by nominal input voltage and constant resistor load.
3. Measured Input reflected ripple current with a simulated source inductance of 12uH.
4. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
5. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
6. It’s necessary to add minimum capacitor in output for some models, please check single model datasheet for detail value.
7. Input filter components are be required to help meet conducted emission class A, which application refer to the EMI Filter of
design & feature configuration.
8. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5. The
filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V.
C1
L
C2
RR2-05XXS/D02AX
220uF/100V
12uH
RR2-12XXS/D02AX
220uF/100V
12uH
RR2-24XXS/D02AX
220uF/100V
12uH
MLCC470pF
RR2-48XXS/D02AX
220uF/100V
12uH
MLCC470pF
EMI FILTER
Input Filter Components (C1,C2,L) are used to help meet conducted
emissions requirement for the module.
These Components should be mounted as close as possible to the
module, and all leads should be minimized to decrease radiated noise.
DC/DC-Converter
2.0W Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
TEST CONFIGURATIONS


Similar Part No. - RR2-1212S02A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-1212S03A1 RSG-RR2-1212S03A1 Datasheet
1Mb / 4P
   DC/DC-Converter
RR2-1212S03A3 RSG-RR2-1212S03A3 Datasheet
1Mb / 4P
   DC/DC-Converter
RR2-1212S03AX RSG-RR2-1212S03AX Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR2-1212S04AX RSG-RR2-1212S04AX Datasheet
112Kb / 3P
   4 Watt regulated single & dual output
RR2-1212S05A1 RSG-RR2-1212S05A1 Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RR2-1212S02A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com