Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4359 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4359
Description  192 KHZ 24 BIT 8CH DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4359 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4359 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ASAHI KASEI
[AK4359]
MS0289-E-00
2004/02
- 4 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
MCLK
I
Master Clock Input Pin
An external TTL clock should be input on this pin.
2
BICK
I
Audio Serial Data Clock Pin
3
SDTI1
I
DAC1 Audio Serial Data Input Pin
4
LRCK
I
L/R Clock Pin
5
RSTB
I
Reset Mode Pin
When at “L”, the AK4359 is in the reset mode.
The AK4359 should always be reset upon power-up.
SMUTE
I
Soft Mute Pin in parallel mode
“H”: Enable, “L”: Disable
CSN
I
Chip Select Pin in serial 3-wire mode
6
CAD0
I
Chip Address Pin in serial I2C mode
ACKS
I
Auto Setting Mode Pin in parallel mode
“L”: Manual Setting Mode,
“H”: Auto Setting Mode
CCLK
I
Control Data Clock Pin in serial 3-wire mode
7
SCL
Control Data Clock Pin in serial I2C mode
DIF0
I
Audio Data Interface Format Pin in parallel mode
CDTI
I
Control Data Input Pin in serial 3-wire mode
8
SDA
I/O
Control Data Pin in serial I2C mode
9
SDTI2
I
DAC2 Audio Serial Data Input Pin
10
SDTI3
I
DAC3 Audio Serial Data Input Pin
11
SDTI4
I
DAC4 Audio Serial Data Input Pin
12
DIF1
I
Audio Data Interface Format Pin
13
DEM0
I
De-emphasis Filter Enable Pin
14
DVDD
Digital Power Supply Pin, +4.5
∼+5.5V
15
DVSS
Digital Ground Pin
I2C
I
Control Mode Select Pin in serial mode
“L”: 3-wire Serial, “H”: I
2C Bus
16
DEM1
I
De-emphasis Filter Enable Pin in parallel mode
17
ROUT4
O
DAC4 Rch Analog Output Pin
18
LOUT4
O
DAC4 Rch Analog Output Pin
19
ROUT3
O
DAC3 Rch Analog Output Pin
20
LOUT3
O
DAC3 Rch Analog Output Pin
21
ROUT2
O
DAC2 Rch Analog Output Pin
22
LOUT2
O
DAC2 Rch Analog Output Pin
23
P/S
I
Parallel/Serial Select Pin
(Internal pull-up pin)
“L”: Serial control mode, “H”: Parallel control mode
24
ROUT1
O
DAC1 Rch Analog Output Pin
25
LOUT1
O
DAC1 Lch Analog Output Pin
26
VCOM
O
Common Voltage Pin, AVDD/2
Normally connected to AVSS with a 0.1
µF ceramic capacitor in parallel with
a 10
µF electrolytic cap.
27
AVSS
-
Analog Ground Pin
28
AVDD
-
Analog Power Supply Pin, +4.5
∼+5.5V
29
DZF2
O
Data Zero Input Detect Pin
30
DZF1
O
Data Zero Input Detect Pin
Note: All input pins except pull-up pin should not be left floating.


Similar Part No. - AKD4359

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4359 AKM-AKD4359 Datasheet
474Kb / 33P
   106dB 192kHz 24-Bit 8ch DAC
AKD4359-SC AKM-AKD4359-SC Datasheet
393Kb / 33P
   the 24bit 8ch D/A converter.
AKD4359A AKM-AKD4359A Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
More results

Similar Description - AKD4359

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1833A AD-AD1833A Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
AD1833 AD-AD1833_15 Datasheet
532Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. A
AD1833A AD-AD1833A_15 Datasheet
697Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. 0
AD1833 AD-AD1833 Datasheet
419Kb / 20P
   Multichannel 24-Bit, 192 kHz, DAC
REV. 0
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com