Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML620Q503H Datasheet(PDF) 30 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q503H
Description  Ultra Low Power 16-bit Microcontrolle
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q503H Datasheet(HTML) 30 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q503H Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
FEDL620Q504H-01
ML620Q503H/Q504H
30/35
Electrical Characteristics of Successive Approximation Type A/D Converter
(
VDD=1.8 to 5.5V, VSS=0V, Ta=-40 to +85°C, unless otherwise specified)
Parameter
Symbol
Condition
Rating
Unit
Min.
Typ.
Max.
Resolution
n
12
bit
Integral non-linearity
error
INL
2.7V
≦ V
REF
≦ 5.5V
-4
+4
LSB
2.2V
≦ V
REF
< 2.7V
-6
+6
1.8V
≦ V
REF
< 2.2V
(using Low-speed clock)
-10
+10
Differential
non-linearity error
DNL
2.7V
≦ V
REF
≦ 5.5V
-3
+3
2.2V
≦ V
REF
< 2.7V
-5
+5
1.8V
≦ V
REF
< 2.2V
(using Low-speed clock)
-9
+9
Zero-scale error
VOFF
2.2V
≦ V
REF
≦ 5.5V
-6
+6
1.8V
≦ V
REF
< 2.2V
(using Low-speed clock)
-10
+10
Full-scale error
FSE
2.2V
≦ V
REF
≦ 5.5V
-6
+6
1.8V
≦ V
REF
< 2.2V
(using Low-speed clock)
-10
+10
Input impidance
RI
5k
Ω
Reference voltage
VREF
1.8
VDD
V
Conversion time
tCONV
Using High-speed clock(max.
4MHz)
170
clk
Using Low-speed clock
16
Measuring circuit
A
VDD
VSS
-
RI
≦5kΩ
AIN
0.47
μF
+
10
μF
VREF
1
μF
Reference
Voltage


Similar Part No. - ML620Q503H

ManufacturerPart #DatasheetDescription
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
More results

Similar Description - ML620Q503H

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90925 FUJITSU-MB90925 Datasheet
932Kb / 63P
   16-bit Microcontrolle
MB89940 FUJITSU-MB89940 Datasheet
357Kb / 38P
   8-bit Proprietary Microcontrolle
logo
List of Unclassifed Man...
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q536 ETC2-ML620Q536 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Texas Instruments
ADS1118 TI1-ADS1118_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com