Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC814 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUC814
Description  MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC814 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUC814 Datasheet HTML 6Page - Analog Devices ADUC814 Datasheet HTML 7Page - Analog Devices ADUC814 Datasheet HTML 8Page - Analog Devices ADUC814 Datasheet HTML 9Page - Analog Devices ADUC814 Datasheet HTML 10Page - Analog Devices ADUC814 Datasheet HTML 11Page - Analog Devices ADUC814 Datasheet HTML 12Page - Analog Devices ADUC814 Datasheet HTML 13Page - Analog Devices ADUC814 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
ADuC814
Rev. A | Page 10 of 72
PIN CONFIGURATION AND FUNCTION DESCRIPTION
ADuC814
TOP VIEW
(Not to Scale)
DGND
1
DLOAD
2
P3.0/RxD
3
P3.1/TxD
4
P3.2/INT0
5
DVDD
XTAL2
XTAL1
SCLOCK
P3.7/SDATA/MOSI
28
27
26
25
24
P3.3/INT1
6
P3.4/T0/CONVST
7
P1.0/T2
8
P1.1/T2EX
9
P3.6/MISO
P3.5/T1/SS/EXTCLK
P1.7/ADC5/DAC1
P1.6/ADC4/DAC0
23
22
21
20
RESET 10
P1.5/ADC3
19
P1.2/ADC0 11
P1.3/ADC1 12
AVDD 13
AGND 14
P1.4/ADC2
CREF
VREF
AGND
18
17
16
15
Figure 2. Pin Configuration
Table 3. Pin Descriptions
Pin No.
Mnemonic
Type
Function
1
DGND
S
Digital Ground. Ground reference point for the digital circuitry.
2
DLOAD
I
Debug/Serial Download Mode. Enables when pulled high through a resistor on power-on or RESET. In
this mode, DLOAD may also be used as an external emulation I/O pin, therefore the voltage level at
this pin must not be changed during this mode of operation because it may cause an emulation
interrupt that halts code execution. User code is executed when this pin is pulled low on power-on or
RESET.
3–7
P3.0 – P3.4
I/O
Bidirectional Port Pins with Internal Pull-Up Resistors. Port 3 pins that have 1s written to them are
pulled high by the internal pull-up resistors, and in that state they can be used as inputs. As inputs,
with Port 3 pins being pulled low externally, they source current because of the internal pull-up
resistors. When driving a 0-to-1 output transition, a strong pull-up is active during S1 of the
instruction cycle. Port 3 pins also have various secondary functions which are described next.
3
P3.0/RxD
I/O
Receiver Data Input (asynchronous) or Data Input/Output (synchronous) in Serial (UART) Mode.
4
P3.1/TxD
I/O
Transmitter Data Output (asynchronous) or Clock Output (synchronous) in Serial (UART) Mode.
5
P3.2/INT0
I/O
Interrupt 0, programmable edge or level-triggered interrupt input, which can be programmed to one
of two priority levels. This pin can also be used as agate control input to Timer 0.
6
P3.3/INT1
I/O
Interrupt 1, programmable edge or level-triggered interrupt input, which can be programmed to one
of two priority levels. This pin can also be used as agate control input to Timer 1.
7
P3.4/T0/
CONVST
I/O
Timer/Counter 0 Input and External Trigger Input for ADC Conversion Start.
8–9
P1.0–P1.1
I/O
Bidirectional Port Pins with Internal Pull-Up Resistors. Port 1 pins that have 1s written to them are
pulled high by the internal pull-up resistors, and in that state they can be used as inputs. As inputs
,with Port 1 pins being pulled low externally, they source current because of the internal pull-up
resistors When driving a 0-to-1 output transition a strong pull-up is active during S1 of the instruction
cycle. Port 1 pins also have various secondary functions which are described as follows.
8
P1.0/T2
I/O
Timer 2 Digital Input. Input to Timer/Counter 2. When enabled, Counter 2 is incremented in response
to a 1 to 0 transition of the T2 input.
9
P1.1/T2EX
I/O
Digital Input. Capture/Reload trigger for Counter 2.
10
RESET
I
Reset Input. A high level on this pin while the oscillator is running resets the device. There is an
internal weak pull-down and a Schmitt-trigger input stage on this pin.
11–12
P1.2–P1.3
I
Port 1.2 to P1.3. These pins have no digital output drivers, i.e., they can only function as digital inputs,
for which 0 must be written to the port bit. These port pins also have the following analog functionality:
11
P1.2/ADC0
I
ADC Input Channel 0. Selected via ADCCON2 SFR.
12
P1.3/ADC1
I
ADC Input Channel 1. Selected via ADCCON2 SFR.
13
AVDD
S
Analog Positive Supply Voltage, 3 V or 5 V.
14–15
AGND
G
Analog Ground. Ground reference point for the analog circuitry.
16
VREF
I/O
Reference Input/Output. This pin is connected to the internal reference through a switch and is the
reference source for the analog to digital converter. The nominal internal reference voltage is 2.5 V
and this appears at the pin. This pin can be used to connect an external reference to the analog to
digital converter by setting ADCCON1.6 to 1. Connect 0.1 µF between this pin and AGND.


Similar Part No. - ADUC814

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814 AD-ADUC814 Datasheet
279Kb / 16P
   MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC814 AD-ADUC814 Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARU AD-ADUC814ARU Datasheet
279Kb / 16P
   MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC814ARU AD-ADUC814ARU Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARU-REEL AD-ADUC814ARU-REEL Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
More results

Similar Description - ADUC814

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814 AD-ADUC814_02 Datasheet
279Kb / 16P
   MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC814BRUZ AD-ADUC814BRUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARUZ AD-ADUC814ARUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
   MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. E
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com