Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS8383 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS8383
Description  18-BIT, 500-kHz, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

ADS8383 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8383 Datasheet HTML 1Page - Texas Instruments ADS8383 Datasheet HTML 2Page - Texas Instruments ADS8383 Datasheet HTML 3Page - Texas Instruments ADS8383 Datasheet HTML 4Page - Texas Instruments ADS8383 Datasheet HTML 5Page - Texas Instruments ADS8383 Datasheet HTML 6Page - Texas Instruments ADS8383 Datasheet HTML 7Page - Texas Instruments ADS8383 Datasheet HTML 8Page - Texas Instruments ADS8383 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ADS8383
SLAS005B – DECEMBER 2002 – REVISED MAY 2003
www.ti.com
4
SPECIFICATIONS (CONTINUED)
TA = –40°C to 85°C, +VA = +5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 500 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DynamicCharacteristics
ADS8383I
V
4 V
at 1 kHz
–110
ADS8383IB
VIN = 4 Vpp at 1 kHz
–112
ADS8383I
V
4 V
at10kHz
–98
Total harmonic distortion (THD)
ADS8383IB
VIN = 4 Vpp at 10 kHz
–108
dB
Total harmonic distortion (THD)
(see Note 1)
ADS8383I
V
4 V
at50kHz
–98
dB
()
ADS8383IB
VIN = 4 Vpp at 50 kHz
–99
ADS8383I
V
4 V
at 100 kHz
–90
ADS8383IB
VIN = 4 Vpp at 100 kHz
–91
ADS8383I
V
4 V
at 1 kHz
87
ADS8383IB
VIN = 4 Vpp at 1 kHz
88
ADS8383I
V
4 V
at10kHz
87
Signal to noise ratio (SNR) (see Note 1)
ADS8383IB
VIN = 4 Vpp at 10 kHz
87
dB
Signal to noise ratio (SNR) (see Note 1)
ADS8383I
V
4 V
at50kHz
87
dB
ADS8383IB
VIN = 4 Vpp at 50 kHz
87
ADS8383I
V
4 V
at 100 kHz
87
ADS8383IB
VIN = 4 Vpp at 100 kHz
87
ADS8383I
V
4 V
at 1 kHz
86
ADS8383IB
VIN = 4 Vpp at 1 kHz
87
ADS8383I
V
4 V
at10kHz
86
Signal to noise + distortion (SINAD)
ADS8383IB
VIN = 4 Vpp at 10 kHz
86
dB
Signal to noise + distortion (SINAD)
(see Note 1)
ADS8383I
V
4 V
at50kHz
86
dB
()
ADS8383IB
VIN = 4 Vpp at 50 kHz
86
ADS8383I
V
4 V
at 100 kHz
85
ADS8383IB
VIN = 4 Vpp at 100 kHz
85
ADS8383I
V
4 V
at 1 kHz
110
ADS8383IB
VIN = 4 Vpp at 1 kHz
112
ADS8383I
V
4 V
at10kHz
98
Spurious free dynamic range (SFDR)
ADS8383IB
VIN = 4 Vpp at 10 kHz
108
dB
S urious free dynamic range (SFDR)
(see Note 1)
ADS8383I
V
4 V
at50kHz
98
dB
()
ADS8383IB
VIN = 4 Vpp at 50 kHz
98
ADS8383I
V
4 V
at 100 kHz
90
ADS8383IB
VIN = 4 Vpp at 100 kHz
94
–3dB Small signal bandwidth
3
MHz
Voltage Reference Input
Reference voltage at REFIN, Vref
2.5
4.096
4.2
V
Reference resistance (see Note 2)
500
k
Reference current drain
fs = 500 kHz
1
mA
Bias Input
Bias input range
2
2.048
2.1
V
Bias input drift
±5
%FS
Bias input current, sink
–150
–100
µA
(1) Calculated on the first nine harmonics of the input frequency
(2) Can vary
±20%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADS848118-BIT 1-MSPS PSEUDO-DIFFERENTIAL UNIPOLAR INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS838118-BIT 580-kHz UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADS841216-BIT 2 MSPS UNIPOLAR DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS841116-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS841116-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS838018-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS840216-BIT 1.25 MSPS UNIPOLAR DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS837016-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS840616-BIT 1.25 MSPS PSEUDO-BIPOLAR FULLY DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS837116BIT 750KHZ UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreBurr-Brown (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn