Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS8383 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS8383
Description  18-BIT, 500-kHz, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

ADS8383 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8383 Datasheet HTML 1Page - Texas Instruments ADS8383 Datasheet HTML 2Page - Texas Instruments ADS8383 Datasheet HTML 3Page - Texas Instruments ADS8383 Datasheet HTML 4Page - Texas Instruments ADS8383 Datasheet HTML 5Page - Texas Instruments ADS8383 Datasheet HTML 6Page - Texas Instruments ADS8383 Datasheet HTML 7Page - Texas Instruments ADS8383 Datasheet HTML 8Page - Texas Instruments ADS8383 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ADS8383
SLAS005B – DECEMBER 2002 – REVISED MAY 2003
www.ti.com
3
SPECIFICATIONS
TA = –40°C to 85°C, +VA = 5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 500 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Input
Full-scale input voltage (see Note 1)
+IN – –IN
0
Vref
V
Absolute input voltage
+IN
–0.2
Vref + 0.2
V
Absolute input voltage
–IN
–0.2
0.2
V
Input capacitance
45
pF
Input leakage current
1
nA
SystemPerformance
Resolution
18
Bits
ADS8383I
(+IN – –IN) < 0.5 FS
18
No missing codes
ADS8383I
(+IN – –IN)
≥ 0.5 FS
17
Bits
No missing codes
ADS8383IB
18
Bits
(+IN – –IN) < 0.125 FS
–4
4
Integral linearity (see Notes 2 and 3)
ADS8383I
(+IN – –IN) < 0.5 FS
–6
6
LSB
Integral linearity (see Notes 2 and 3)
ADS8383I
(+IN – –IN)
≥ 0.5 FS
–10
10
LSB
(18 bit)
ADS8383IB
–7
–2/3
7
()
(+IN – –IN) < 0.125 FS
–1
2
Differentiallinearity
ADS8383I
(+IN – –IN) < 0.5 FS
–1
3
LSB (18 bit)
Differentiallinearity
ADS8383I
(+IN – –IN)
≥ 0.5 FS
–2
7
LSB (18 bit)
ADS8383IB
–1
–1/1.4
2.5
Offset error (see Note 4)
ADS8383I
–1
±0.5
1
mV
Offset error (see Note 4)
ADS8383IB
–0.75
±0.25
0.75
mV
Gain error (see Note 4)
ADS8383I
Vref = 4.096 V
–0.1
0.1
%FS
Gain error (see Note 4)
ADS8383IB
Vref = 4.096 V
–0.06
0.06
%FS
Noise
60
µV RMS
Power supply rejection ratio
At 3FFFFh output code
75
dB
SamplingDynamics
Conversion time
1.5
µs
Acquisition time
0.4
µs
Throughput rate
500
kHz
Aperture delay
4
ns
Aperture jitter
15
ps
Step response
150
ns
Over voltage recovery
150
ns
(1) Ideal input span, does not include gain or offset error.
(2) LSB means least significant bit
(3) This is endpoint INL, not best fit.
(4) Measured relative to an ideal full-scale input (+IN – –IN) of 4.096 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADS848118-BIT 1-MSPS PSEUDO-DIFFERENTIAL UNIPOLAR INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS838118-BIT 580-kHz UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADS841216-BIT 2 MSPS UNIPOLAR DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS841116-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS841116-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS838018-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS840216-BIT 1.25 MSPS UNIPOLAR DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS837016-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS840616-BIT 1.25 MSPS PSEUDO-BIPOLAR FULLY DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS837116BIT 750KHZ UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreBurr-Brown (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn