Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M9120A Datasheet(PDF) 13 Page - Keysight Technologies

Part No. M9120A
Description  PXI Matrix Switch Modules
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo 

M9120A Datasheet(HTML) 13 Page - Keysight Technologies

 
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13 | Keysight | PXI Matrix Switch Modules M9120A, M9121A, M9122A - Data Sheet
Deinitions for speciications
Warranty and Calibration
Advantage Services: Calibration and Warranty
Keysight Advantage Services is committed to your success
throughout your equipment’s lifetime
Speciications describe the warranted performance of
calibrated instruments that have been stored for a mini-
mum of 2 hours within the operating temperature range of
0 to 55°C, unless otherwise stated, and after a 45 minute
warm-up period. Data represented in this document are
speciications unless other wise noted.
Characteristics describe product performance that is
useful in the application of the product, but that is not
covered by the product warranty. Characteristics are
often referred to as Typical or Nominal values.
– Typical describes characteristic performance, which
80% of the instruments will meet when operated over
a 20 to 30°C temperature range. Typical performance
is not warranted.
– Nominal describes representative performance that
is useful in the application of the product when oper-
ated over a 20 to 30°C temperature range. Nominal
performance is not warranted.
Note: All graphs contain measured data from several
units at room temperature unless otherwise noted.
Warranty
Standard warranty is 1 year1
R-51B-001-3C
1 year return-to-Keysight warranty
extended to 3 years
1. Excludes relay wear-out.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn